Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90548GSPF Datasheet(PDF) 40 Page - Fujitsu Component Limited.

Part # MB90548GSPF
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90548GSPF Datasheet(HTML) 40 Page - Fujitsu Component Limited.

Back Button MB90548GSPF Datasheet HTML 36Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 37Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 38Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 39Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 40Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 41Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 42Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 43Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 44Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
MB90540/540G/545/545G Series
40
3.
DC Characteristics
(MB90F543/F549: VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
(MB90543G(S)/547G(S)/548G(S)/F548GL(S): VCC
= 3.5 V to 5.5 V, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(Other than MB90F543/F549/543G(S)/547G(S)/548G(S)/F548GL(S):
VCC
= 5.0 V ± 10%, VSS = AVSS = 0.0 V, TA = −40 °C to +105 °C)
(Continued)
Parameter
Sym-
bol
Pin name
Condition
Value
Units
Remarks
Min
Typ
Max
Input H
voltage
VIHS
CMOS
hysteresis
input pin
0.8 VCC
VCC
+ 0.3
V
VIH
TTL input
pin
2.0

V
VIHM
MD input
pin
VCC
− 0.3
VCC
+ 0.3
V
Input L
voltage
VILS
CMOS
hysteresis
input pin
VCC
− 0.3
0.2 VCC
V
VIL
TTL input
pin

0.8
V
VILM
MD input
pin
VSS
− 0.3
VCC
+ 0.3
V
Output H
voltage
VOH
All output
pins
VCC
= 4.5 V,
IOH
= −4.0 mA
VCC
− 0.5

V
Output L
voltage
VOL
All output
pins
VCC
= 4.5 V,
IOL
= 4.0 mA

0.4
V
Input
leak cur-
rent
IIL
VCC
= 5.5 V,
VSS
< VI < VCC
−5
5
µA
Pull-up
resis-
tance
RUP
P00 to
P07,
P10 to
P17,
P20 to
P27,
P30 to
P37,
RST
25
50
100
k
Pull-
down
resis-
tance
RDO
WN
MD2
25
50
100
k


Similar Part No. - MB90548GSPF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90548GSPF CYPRESS-MB90548GSPF Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
More results

Similar Description - MB90548GSPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com