Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9-305927-1 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 9-305927-1
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

9-305927-1 Datasheet(HTML) 6 Page - TE Connectivity Ltd

  9-305927-1 Datasheet HTML 1Page - TE Connectivity Ltd 9-305927-1 Datasheet HTML 2Page - TE Connectivity Ltd 9-305927-1 Datasheet HTML 3Page - TE Connectivity Ltd 9-305927-1 Datasheet HTML 4Page - TE Connectivity Ltd 9-305927-1 Datasheet HTML 5Page - TE Connectivity Ltd 9-305927-1 Datasheet HTML 6Page - TE Connectivity Ltd 9-305927-1 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
408-1535
Rev T
6 of 7
8. With crimping jaws bottomed, check the insulation barrel section of the crimping chamber as
described in Steps 4 and 5.
If the crimping chamber conforms to the gage inspection, the tool is considered dimensionally correct, and
should be lubricated with a THIN coat of any good SAE 20 motor oil. If not, the tool must be returned for further
evaluation and repair. Refer to Section6, REPLACEMENT AND REPAIR.
For additional information regarding the use of a plug gage, refer to Instruction Sheet 408-7424.
5.5. Ratchet Inspection
The ratchet feature on the hand tools should be checked to ensure that the ratchet does not release
prematurely, allowing the jaws to open before they have fully bottomed. Obtain a 0.025 mm [.001 in.] shim that
is suitable for checking the clearance between the bottoming surfaces of the crimping jaws. Proceed as follows:
1. Select the maximum size wire for the tool and a terminal or splice.
2. Position the terminal or splice and wire between the crimping jaws as described in Section 3.
3. Hold wire in place and squeeze tool handles until the ratchet releases. Hold the handles in this
position, maintaining just enough tension to keep the jaws closed.
4. Check the clearance between the bottoming surfaces of the crimping jaws with the 0.025 mm [.001 in.]
shim. If the clearance is 0.025 mm [.001 in.] or less, the ratchet is considered satisfactory. If the
clearance exceeds 0.025 mm [.001 in.], the ratchet is out of adjustment and must be repaired. Refer to
Section 6, REPLACEMENT AND REPAIR.
6. REPLACEMENT AND REPAIR
Customer-replaceable parts are listed in Figure 9. Parts other than those listed should be replaced by TE to
ensure quality and reliability. For customer repair service or to order replacement parts, call 1-800-522-6752, or
fax your purchase order to 717-986-7605, or write to: Customer Service (038-035), Tyco Electronics
Corporation, PO Box 3608, Harrisburg, PA 17105-3608.
7. REVISION SUMMARY
Updated document to corporate requirements
Changed dimensions in table in Figure 2
Added new information to table in Figure 9


Similar Part No. - 9-305927-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
9-305927-1 TEC-9-305927-1 Datasheet
657Kb / 10P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
9-305927-1 MACOM-9-305927-1 Datasheet
187Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
9-305927-1 MACOM-9-305927-1 Datasheet
216Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

Similar Description - 9-305927-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
Tyco Electronics
408-1662 MACOM-408-1662 Datasheet
1Mb / 8P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-4087 TEC-408-4087 Datasheet
285Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com