Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B-138BH Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # B-138BH
Description  HARTMAN Power Switching AC Contactors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

B-138BH Datasheet(HTML) 1 Page - TE Connectivity Ltd

  B-138BH Datasheet HTML 1Page - TE Connectivity Ltd B-138BH Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6–22
HARTMAN Power Switching AC Contactors
For factory-direct application
assistance, phone 419-521-9500 or
fax 419-526-2749.
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
B-138 Series, Rated up to 60 Amps, 115/200 VAC, 400 Hz
Product Facts
n TPST NO and TPDT NC
n Gasket sealed or
Hermetically sealed
n 115/200 VAC, 400 Hz,
3 phase
n Auxiliary contacts available
n Meets the requirements of
MIL-PRF-6106
Performance Data
Electrical Characteristics
Contact Arrangement —
TPST NO and TPDT NC
Rated Operating Voltage —
115/200 VAC, 400 Hz, 3 phase
Current, Resistive — 60 Amps
Current, Inductive — 60 Amps
Current, Motor — 60 Amps
Current, Rupture — 600 Amps
General Characteristics
Temperature Range —
-55°C to +71°C
Operating Cycles (Life) at Rated
Resistive Load, Min. —
50,000 cycles
Operating Cycles (Life)
Mechanical, Min. — 100,000 cycles
Dielectric Strength —
All Circuits to Ground — 1,500 Vrms
Circuit to Circuit — 1,500 Vrms
Coil to Ground and Aux. Contacts —
1,000 Vrms
Altitude Max. — 50,000 ft.
Weight, Nominal — 1.50 to 2.0 lbs
Coil Characteristics
Duty Cycle — Continuous or
continuous with suppression
Operating Voltage, Nom. — 28 Vdc
Pickup Voltage, Max. @ 85°C —
18 Vdc
Dropout Voltage, Max. —
1.5 to 7 Vdc
Coil Current @ 29 Vdc Max. @
25°C — 0.5 Amps
Inrush — 5 Amps
A — Continuous
Coil Type
B — Continuous with Suppression
C — Continuous with Suppression


Similar Part No. - B-138BH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
B-138DL MACOM-B-138DL Datasheet
104Kb / 1P
   B-138DL 3PST N.O., 50 Amps, 200 VAC, 400 Hz
B-138S MACOM-B-138S Datasheet
87Kb / 1P
   B-138S 3PST N.O., 60 Amps,115/200 VAC, 300 to 600 Hz
B-138XAH MACOM-B-138XAH Datasheet
115Kb / 1P
   B-138XAH 3PDT N.C., 60 Amps,200 VAC, 400 Hz
More results

Similar Description - B-138BH

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
A1077 TEC-A1077 Datasheet
812Kb / 4P
   HARTMAN Power Switching DC Contactors
A-703 TEC-A-703 Datasheet
1Mb / 5P
   HARTMAN Power Switching DC Contactors
A-770 TEC-A-770 Datasheet
2Mb / 5P
   HARTMAN Power Switching DC Contactors
D-32A TEC-D-32A Datasheet
490Kb / 1P
   HARTMAN Power Switching DC Contactors
logo
Tyco Electronics
N-208 MACOM-N-208 Datasheet
45Kb / 1P
   HARTMAN Aerospace Power Products
Q-50B MACOM-Q-50B Datasheet
90Kb / 1P
   HARTMAN Aerospace Power Products
SD167A MACOM-SD167A Datasheet
34Kb / 1P
   HARTMAN Aerospace Power Products
A-751YC MACOM-A-751YC Datasheet
54Kb / 1P
   HARTMAN Aerospace Power Products
SA120B MACOM-SA120B Datasheet
41Kb / 1P
   HARTMAN Aerospace Power Products
QR-50AF MACOM-QR-50AF Datasheet
58Kb / 1P
   HARTMAN Aerospace Power Products
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com