Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX32625IWY+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX32625IWY+T
Description  High-Efficiency Microcontroller for Wearable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32625IWY+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX32625IWY+T Datasheet HTML 2Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 3Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 4Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 5Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 6Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 7Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 8Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 9Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
(Limits are 100% tested at TA = +25ºC and TA = +85ºC. Limits over the operating temperature range and relevant supply voltage
range are guaranteed by design and characterization. Specifications marked GBD are guaranteed by design and not production tested.
Specifications to -30°C are guaranteed by design and are not production tested.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Supply Voltage
VDD18
1.71
1.8
1.89
V
VDD12
1.14
1.2
1.26
VRTC
1.75
1.8
1.89
VDDIO
1.71
1.8
3.6
VDDIOH
VDDIOH must be ≥ VDDIO
1.71
1.8
3.6
1.2V Internal Regulator
VREG12
1.14
1.2
1.26
V
Power-Fail Reset
Voltage
VRST
Monitors VDD18
1.61
1.7
V
Power-On Reset
Voltage
VPOR
Monitors VDD18
1.5
V
RAM Data Retention Voltage
VDRV
VDD12 supply, retention in LP1
0.930
mV
VDD12 Dynamic
Current, LP3 Mode
IDD12_DLP3
Measured on the VDD12 pin and execut-
ing code from cache memory, all inputs
are tied to VSS or VDD18, outputs do not
source/sink any current, PMU disabled
106
μA/MHz
VDD12 Fixed Current, LP3
Mode
IDD12_FLP3
96MHz oscillator selected as system clock,
measured on the VDD12 pin and execut-
ing code from cache memory, all inputs
are tied to VSS or VDD18, outputs do not
source/sink any current
87
μA
4MHz oscillator selected as system clock,
measured on the VDD12 pin and execut-
ing code from cache memory, all inputs
are tied to VSS or VDD18, outputs do not
source/sink any current
39
VDD18 Fixed Current, LP3
Mode
IDD18_FLP3
96MHz oscillator selected as system clock,
measured on the VDD18 pin and execut-
ing code from cache memory, all inputs
are tied to VSS or VDD18, outputs do not
source/sink any current
366
μA
4MHz oscillator selected as system clock,
measured on the VDD18 pin and execut-
ing code from cache memory, all inputs
are tied to VSS or VDD18, outputs do not
source/sink any current
33
VDD12 Dynamic
Current, LP2 Mode
IDD12_DLP2
Measured on the VDD12 pin, ARM in sleep
mode, PMU with two channels active
27
μA/MHz
Electrical Characteristics
MAX32625/MAX32626
Ultra-Low Power, High-Performance
ARM Cortex-M4F Microcontroller for Wearables
www.maximintegrated.com
Maxim Integrated │ 6


Similar Part No. - MAX32625IWY+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32625 MAXIM-MAX32625 Datasheet
565Kb / 11P
   MAX32625PICO Application Platform
319-100010; Rev 0; 4/17
MAX32625PICO MAXIM-MAX32625PICO Datasheet
565Kb / 11P
   MAX32625PICO Application Platform
319-100010; Rev 0; 4/17
More results

Similar Description - MAX32625IWY+T

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OVM6211 OMNIVISION-OVM6211 Datasheet
1Mb / 2P
   Wearable Devices
OV6946 OMNIVISION-OV6946 Datasheet
774Kb / 2P
   Wearable Devices
OVM9724 OMNIVISION-OVM9724 Datasheet
714Kb / 2P
   Wearable Devices
logo
Maxim Integrated Produc...
MAX30112 MAXIM-MAX30112 Datasheet
707Kb / 40P
   Wrist-Worn Wearable Devices
Rev 0; 5/17
logo
Illinois Capacitor, Inc...
RJD2032C1 ILLINOISCAPACITOR-RJD2032C1 Datasheet
521Kb / 10P
   Wearable electronic & IoT devices ??Memory backup circuits
logo
Vishay Siliconix
VCNL3036 VISHAY-VCNL3036 Datasheet
226Kb / 16P
   High Resolution Digital Biosensor for Wearable Applications
logo
Richtek Technology Corp...
RT4730 RICHTEK-RT4730 Datasheet
362Kb / 17P
   Power Solution for Wearable AMOLED Products
logo
Kingbright Corporation
TA40-11EWA KINGBRIGHT-TA40-11EWA Datasheet
231Kb / 6P
   The High Efficiency Red Source color Devices
L796BID KINGBRIGHT-L796BID Datasheet
119Kb / 5P
   The High Efficiency Red Source Color Devices
logo
Maxim Integrated Produc...
MAX32660 MAXIM-MAX32660 Datasheet
604Kb / 25P
   Ultra-Low Power Arm Cortex-M4 with FPU-Based Microcontroller for Wearable and IoT Sensors
Rev 1; 4/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com