Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX32625IWY+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX32625IWY+
Description  High-Efficiency Microcontroller for Wearable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32625IWY+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX32625IWY+ Datasheet HTML 1Page - Maxim Integrated Products MAX32625IWY+ Datasheet HTML 2Page - Maxim Integrated Products MAX32625IWY+ Datasheet HTML 3Page - Maxim Integrated Products MAX32625IWY+ Datasheet HTML 4Page - Maxim Integrated Products MAX32625IWY+ Datasheet HTML 5Page - Maxim Integrated Products MAX32625IWY+ Datasheet HTML 6Page - Maxim Integrated Products MAX32625IWY+ Datasheet HTML 7Page - Maxim Integrated Products MAX32625IWY+ Datasheet HTML 8Page - Maxim Integrated Products MAX32625IWY+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
General Description
The MAX32625/MAX32626 is an ARM® Cortex®-M4F
32-bit microcontroller with an unconnected point unit,
ideal for the emerging category of wearable medical and
fitness applications. The architecture combines ultra-
low power, high-efficiency signal processing functionality
and ease of use. An internal 96MHz oscillator provides
high-performance capability, and the internal 4MHz oscil-
lator supports minimal power consumption for applica-
tions requiring always-on monitoring. The device provides
512kB of flash and 160kB of SRAM.
The device features four powerful and flexible power
modes. A peripheral management unit (PMU) enables
intelligent peripheral control with up to six channels to
significantly reduce power consumption. Built-in dynamic
clock gating and firmware-controlled power gating allows
the user to optimize power for the specific application.
Multiple SPI, UART, and I2C serial interfaces are pro-
vided, as well as a 1-Wire® master and USB, allowing
for interconnection to a wide variety of external sensors.
A four-input, 10-bit delta-sigma ADC monitors analog
input from external sensors.
The MAX32625L is a lower-cost version of the MAX32625,
providing 256kB of flash and 128kB of SRAM.
The MAX32626 is a secure version of the MAX32625.
It incorporates a trust protection unit (TPU) with encryption
and advanced security features. These features include
a modular arithmetic accelerator (MAA) for ECDSA, a
hardware PRNG entropy generator, and a secure boot
loader. Both the MAX32626 and the MAX32625 provide
a hardware AES engine.
Applications
● Sports Watches
● Fitness Monitors
● Wearable Medical Patches
● Portable Medical Devices
● Sensor Hubs
Benefits and Features
● High-Efficiency Microcontroller for Wearable Devices
• Internal Oscillator Operates Up to 96MHz
• Low Power 4MHz Oscillator System Clock Option
for Always-On Monitoring Applications
• 512KB Flash Memory (256KB “L” Version)
• 160KB SRAM (128KB “L” Version)
• 8KB Instruction Cache
• 1.2V Core Supply Voltage
• 1.8V to 3.3V I/O
• Optional 3.3V ±5% USB Supply Voltage
• Wide Operating Temperature: -30°C to +85°C
● Power Management Maximizes Uptime for Battery
Applications
• 106μA/MHz Active Current Executing from Cache
• 49μA/MHz Active Current Executing from Flash
• Wake-Up to 96MHz Clock or 4MHz Clock
• 600nA Low Power Mode (LP0) Current with RTC
Enabled
• 2.56μW Ultra-Low Power Data Retention Sleep
Mode (LP1) with Fast 5μs Wake-Up on 96MHz
Clock Source
• 27μA/MHz Low Power Mode (LP2) Current
● Optimal Peripheral Mix Provides Platform Scalability
• SPI Execute in Place (SPIX) Engine for Memory
Expansion with Minimal Footprint
• Three SPI Masters, One SPI Slave
• Three UARTs
• Up to Two I2C Masters, One I2C Slave
• 1-Wire Master
• Full-Speed USB 2.0 Device with Internal
Transceiver
• Sixteen Pulse Train (PWM) Engines
• Six 32-Bit Timers and 3 Watchdog Timers
• Up to 40 General-Purpose I/O Pins
• 10-Bit Delta-Sigma ADC Operating at 7.8ksps
• AES -128, -192, -256
• CMOS-Level 32kHz RTC Output Available in All
Power Modes
● Secure Valuable IP and Data with Robust Internal
Hardware Security (MAX32626 Only)
• Trust Protection Unit (TPU) Provides ECDSA and
Modular Arithmetic Acceleration Support
• PRNG Seed Generator
• Secure Boot Loader
Ordering Information appears at end of data sheet.
19-8596; Rev 0; 8/16
ARM is a registered trademark and registered service mark and
Cortex is a registered trademark of ARM Limited.
1-Wire is a registered trademark of Maxim Integrated Products, Inc.
MAX32625/MAX32626
Ultra-Low Power, High-Performance
ARM Cortex-M4F Microcontroller for Wearables


Similar Part No. - MAX32625IWY+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32625 MAXIM-MAX32625 Datasheet
565Kb / 11P
   MAX32625PICO Application Platform
319-100010; Rev 0; 4/17
MAX32625PICO MAXIM-MAX32625PICO Datasheet
565Kb / 11P
   MAX32625PICO Application Platform
319-100010; Rev 0; 4/17
More results

Similar Description - MAX32625IWY+

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OVM6211 OMNIVISION-OVM6211 Datasheet
1Mb / 2P
   Wearable Devices
OV6946 OMNIVISION-OV6946 Datasheet
774Kb / 2P
   Wearable Devices
OVM9724 OMNIVISION-OVM9724 Datasheet
714Kb / 2P
   Wearable Devices
logo
Maxim Integrated Produc...
MAX30112 MAXIM-MAX30112 Datasheet
707Kb / 40P
   Wrist-Worn Wearable Devices
Rev 0; 5/17
logo
Illinois Capacitor, Inc...
RJD2032C1 ILLINOISCAPACITOR-RJD2032C1 Datasheet
521Kb / 10P
   Wearable electronic & IoT devices ??Memory backup circuits
logo
Vishay Siliconix
VCNL3036 VISHAY-VCNL3036 Datasheet
226Kb / 16P
   High Resolution Digital Biosensor for Wearable Applications
logo
Richtek Technology Corp...
RT4730 RICHTEK-RT4730 Datasheet
362Kb / 17P
   Power Solution for Wearable AMOLED Products
logo
Kingbright Corporation
TA40-11EWA KINGBRIGHT-TA40-11EWA Datasheet
231Kb / 6P
   The High Efficiency Red Source color Devices
L796BID KINGBRIGHT-L796BID Datasheet
119Kb / 5P
   The High Efficiency Red Source Color Devices
logo
Maxim Integrated Produc...
MAX32660 MAXIM-MAX32660 Datasheet
604Kb / 25P
   Ultra-Low Power Arm Cortex-M4 with FPU-Based Microcontroller for Wearable and IoT Sensors
Rev 1; 4/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com