Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX32625 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX32625
Description  High-Efficiency Microcontroller for Wearable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32625 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX32625 Datasheet HTML 3Page - Maxim Integrated Products MAX32625 Datasheet HTML 4Page - Maxim Integrated Products MAX32625 Datasheet HTML 5Page - Maxim Integrated Products MAX32625 Datasheet HTML 6Page - Maxim Integrated Products MAX32625 Datasheet HTML 7Page - Maxim Integrated Products MAX32625 Datasheet HTML 8Page - Maxim Integrated Products MAX32625 Datasheet HTML 9Page - Maxim Integrated Products MAX32625 Datasheet HTML 10Page - Maxim Integrated Products MAX32625 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
(Limits are 100% tested at TA = +25ºC and TA = +85ºC. Limits over the operating temperature range and relevant supply voltage
range are guaranteed by design and characterization. Specifications marked GBD are guaranteed by design and not production tested.
Specifications to -30°C are guaranteed by design and are not production tested.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD12 Fixed Current, LP2
Mode
IDD12_FLP2
96MHz oscillator selected as system clock,
measured on the VDD12 pin, ARM in sleep
mode, PMU with two channels active
87
μA
4MHz oscillator selected as system clock,
measured on the VDD12 pin, ARM in sleep
mode, PMU with two channels active
39
VDD18 Fixed Current, LP2
Mode
IDD18_FLP2
96MHz oscillator selected as system clock,
measured on the VDD18 pin, ARM in sleep
mode, PMU with two channels active
366
μA
4MHz oscillator selected as system clock,
measured on the VDD18 pin, ARM in sleep
mode, PMU with two channels active
33
VDD12 Fixed Current, LP1
Mode
IDD12_FLP1 Standby state with full data retention
1.06
μA
VDD18 Fixed Current, LP1
Mode
IDD18_FLP1 Standby state with full data retention
120
nA
VRTC Fixed Current, LP1
Mode
IDDRTC_FLP1
RTC enabled, retention regulator powered
by VDD12
594
nA
VDD12 Fixed Current, LP0
Mode
IDD12_FLP0
14
nA
VDD18 Fixed Current, LP0
Mode
IDD18_FLP0
120
nA
VRTC Fixed Current, LP0
Mode
IDDRTC_FLP0
RTC enabled
505
nA
RTC disabled
105
LP2 Mode Resume Time
tLP2_ON
0
μs
LP1 Mode Resume Time
tLP1_ON
5
μs
LP0 Mode Resume Time
tLP0_ON
Polling flash ready
11
μs
GENERAL-PURPOSE I/O
Input Low Voltage for All
GPIO
VIL_GPIO
VDDIO selected as I/O supply, pin config-
ured as GPIO
0.3 ×
VDDIO
V
VDDIOH selected as I/O supply, pin config-
ured as GPIO
0.3 ×
VDDIOH
Input Low Voltage for RSTN
VIL_RSTN
0.3 x
VRTC
V
Input Low Voltage for
SRSTN
VIL_SRSTN
0.3 x
VDDIO
Input High Voltage for All
GPIO
VIH_GPIO
VDDIO selected as I/O supply, pin config-
ured as GPIO
0.7 ×
VDDIO
V
VIH_GPIOH
VDDIOH selected as I/O supply, pin config-
ured as GPIO
0.7 ×
VDDIOH
Electrical Characteristics (continued)
MAX32625/MAX32626
Ultra-Low Power, High-Performance
ARM Cortex-M4F Microcontroller for Wearables
www.maximintegrated.com
Maxim Integrated │ 7


Similar Part No. - MAX32625

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32625 MAXIM-MAX32625 Datasheet
565Kb / 11P
   MAX32625PICO Application Platform
319-100010; Rev 0; 4/17
MAX32625PICO MAXIM-MAX32625PICO Datasheet
565Kb / 11P
   MAX32625PICO Application Platform
319-100010; Rev 0; 4/17
More results

Similar Description - MAX32625

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OVM6211 OMNIVISION-OVM6211 Datasheet
1Mb / 2P
   Wearable Devices
OV6946 OMNIVISION-OV6946 Datasheet
774Kb / 2P
   Wearable Devices
OVM9724 OMNIVISION-OVM9724 Datasheet
714Kb / 2P
   Wearable Devices
logo
Maxim Integrated Produc...
MAX30112 MAXIM-MAX30112 Datasheet
707Kb / 40P
   Wrist-Worn Wearable Devices
Rev 0; 5/17
logo
Illinois Capacitor, Inc...
RJD2032C1 ILLINOISCAPACITOR-RJD2032C1 Datasheet
521Kb / 10P
   Wearable electronic & IoT devices ??Memory backup circuits
logo
Vishay Siliconix
VCNL3036 VISHAY-VCNL3036 Datasheet
226Kb / 16P
   High Resolution Digital Biosensor for Wearable Applications
logo
Richtek Technology Corp...
RT4730 RICHTEK-RT4730 Datasheet
362Kb / 17P
   Power Solution for Wearable AMOLED Products
logo
Kingbright Corporation
TA40-11EWA KINGBRIGHT-TA40-11EWA Datasheet
231Kb / 6P
   The High Efficiency Red Source color Devices
L796BID KINGBRIGHT-L796BID Datasheet
119Kb / 5P
   The High Efficiency Red Source Color Devices
logo
Maxim Integrated Produc...
MAX32660 MAXIM-MAX32660 Datasheet
604Kb / 25P
   Ultra-Low Power Arm Cortex-M4 with FPU-Based Microcontroller for Wearable and IoT Sensors
Rev 1; 4/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com