Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17574 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17574
Description  5V Output-Voltage Application
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17574 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17574 Datasheet HTML 7Page - Maxim Integrated Products MAX17574 Datasheet HTML 8Page - Maxim Integrated Products MAX17574 Datasheet HTML 9Page - Maxim Integrated Products MAX17574 Datasheet HTML 10Page - Maxim Integrated Products MAX17574 Datasheet HTML 11Page - Maxim Integrated Products MAX17574 Datasheet HTML 12Page - Maxim Integrated Products MAX17574 Datasheet HTML 13Page - Maxim Integrated Products MAX17574 Datasheet HTML 14Page - Maxim Integrated Products MAX17574 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Pin Description (continued)
NAME
PIN
FUNCTION
10
EN/UVLO
Enable/Undervoltage Lockout Pin. Drive EN/UVLO high to enable the output. Connect to the
center of the resistor-divider between VIN and SGND to set the input voltage at which the part
turns on. Connect to VIN pins for always-on operation.
12
VCC
5V LDO Output of the Part. Bypass VCC with a 2.2μF ceramic capacitance to SGND.
14
RESET
Open-Drain RESET Output. The RESET output is driven low if FB drops below 92% of its set
value. RESET goes high 1024 cycles after FB rises above 95% of its set value.
15
MODE/
SYNC
MODE pin configures the device to operate either in PWM, PFM, or DCM modes of operation.
Leave MODE unconnected for PFM operation (pulse-skipping at light loads). Connect MODE
to SGND for constant-frequency PWM operation at all loads. Connect MODE to VSS for DCM
operation. The device can be synchronized to an external clock using this pin. See the Mode
Selection (MODE) section and the External Frequency Synchronization section for more details.
16
SS
Soft-Start Input. Connect a capacitor from SS to SGND to set the soft-start time.
17
CF
At switching frequencies lower than 500kHz, connect a capacitor from CF to FB. Leave CF open
if switching frequency is equal or more than 500kHz.
18
FB
Feedback Input. Connect FB to the center tap of an external resistor-divider from the output to
SGND to set the output voltage. See the Adjusting Output Voltage section for more details
19
RT
Connect a resistor from RT to SGND to set the regulator’s switching frequency between 100kHz
and 2.2MHz. Leave RT open for the default 500kHz frequency. See the Setting the Switching
Frequency (RT) section for more details.
20
EXTVCC
External Power Supply Input for the Internal LDO. Applying a voltage between 4.84V and 24V at
EXTVCC pin will bypass the internal LDO and improve efficiency. Add a 4.7Ω resistor from buck
output to this pin to limit VCC bypass cap discharge current during output short-circuit condition.
Also, add a local bypassing on this pin to SGND.
21
SGND
Analog Ground.
22
BST
Boost Flying Capacitor. Connect a 0.1μF ceramic capacitor between BST and LX.
EP
Exposed Pad. Connect to the GND pin of the IC. Connect to a large copper plane below the IC to
improve heat dissipation capability.
MAX17574
4.5V–60V, 3A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
with Internal Compensation
www.maximintegrated.com
Maxim Integrated │ 11


Similar Part No. - MAX17574

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17574 MAXIM-MAX17574 Datasheet
1Mb / 10P
   3.3V Output-Voltage Application
Rev 2; 5/18
MAX17574 MAXIM-MAX17574 Datasheet
1Mb / 21P
   4.5V to 60V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17574ATG++ MAXIM-MAX17574ATG+ Datasheet
1Mb / 21P
   4.5V to 60V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17574EVKITA MAXIM-MAX17574EVKITA Datasheet
1Mb / 10P
   3.3V Output-Voltage Application
Rev 2; 5/18
MAX17574EVKITB MAXIM-MAX17574EVKITB Datasheet
1Mb / 11P
   Operates from a 6.5V to 60V Input Supply
Rev 0; 12/16
More results

Similar Description - MAX17574

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17505EVKITB MAXIM-MAX17505EVKITB Datasheet
514Kb / 11P
   5V Output-Voltage Application
Rev 0; 1/14
MAX17692B MAXIM-MAX17692B Datasheet
555Kb / 8P
   5V Output-Voltage Application
Rev 0; 12/20
MAX17631C5EVKIT MAXIM-MAX17631C5EVKIT Datasheet
919Kb / 10P
   5V Output-Voltage Application
Rev 0; 5/19
MAX17546EVKITB MAXIM-MAX17546EVKITB Datasheet
878Kb / 10P
   5V Output-Voltage Application
Rev 2; 4/18
MAX17632C5EVKIT MAXIM-MAX17632C5EVKIT Datasheet
867Kb / 11P
   5V Output-Voltage Application
Rev 0; 11/17
MAX17545EVKITB MAXIM-MAX17545EVKITB Datasheet
496Kb / 11P
   5V Output-Voltage Application
Rev 0; 10/14
MAX17544EVKITB MAXIM-MAX17544EVKITB Datasheet
487Kb / 11P
   5V Output-Voltage Application
Rev 0; 9/14
MAX17543EVKITB MAXIM-MAX17543EVKITB Datasheet
966Kb / 11P
   5V Output-Voltage Application
Rev 0; 9/14
MA17692A MAXIM-MA17692A Datasheet
558Kb / 8P
   5V Output-Voltage Application
Rev 0; 12/20
MAX17576EVKITB MAXIM-MAX17576EVKITB Datasheet
920Kb / 11P
   5V Output-Voltage Application
Rev 1; 9/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com