Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17572ATC+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17572ATC+
Description  4.5V–60V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17572ATC+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17572ATC+ Datasheet HTML 1Page - Maxim Integrated Products MAX17572ATC+ Datasheet HTML 2Page - Maxim Integrated Products MAX17572ATC+ Datasheet HTML 3Page - Maxim Integrated Products MAX17572ATC+ Datasheet HTML 4Page - Maxim Integrated Products MAX17572ATC+ Datasheet HTML 5Page - Maxim Integrated Products MAX17572ATC+ Datasheet HTML 6Page - Maxim Integrated Products MAX17572ATC+ Datasheet HTML 7Page - Maxim Integrated Products MAX17572ATC+ Datasheet HTML 8Page - Maxim Integrated Products MAX17572ATC+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
(VIN = VEN/UVLO = 24V, RRT = 40.2k, CVCC = 2.2µF, VPGND = VGND = EXTVCC = 0, LX = SS = RESET = OPEN, VBST to VLX = 5V,
VFB = 1V, TA = -40°C to 125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced to GND, unless
otherwise noted.) (Note 2)
Note 2: All limits are 100% tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage range
are guaranteed by design and characterization
MAX17572
4.5V–60V, 1A, High-Efficiency, Synchronous
Step-Down DC-DC Converter
with Internal Compensaton
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYNC Frequency Capture
Range
FSW set by RRT
1.1 x
FSW
1.4 x
FSW
SYNC Pulse Width
50
ns
SYNC Threshold
VIH
2.1
V
VIL
0.8
V
RESET
RESET Output Level Low
IRESET = 10mA
400
mV
RESET Output Leakage Current
TA = TJ = 25°C, VRESET = 5.5V
-100
+100
nA
VOUT Threshold for RESET
Assertion
VOUT-OKF
VFB falling
90.5
92
94.6
%
VOUT Threshold for RESET
De-Assertion
VOUT-OKR
VFB rising
93.8
95
97.8
%
RESET Delay After FB Reaches
95% Regulation
1024
Cycles
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
TSHDNR
Temp rising
165
°C
Thermal-Shutdown Hysteresis
TSHDNHY
10
°C


Similar Part No. - MAX17572ATC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17572ATC++ MAXIM-MAX17572ATC+ Datasheet
815Kb / 16P
   4.5V??0V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
More results

Similar Description - MAX17572ATC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17572 MAXIM-MAX17572_V01 Datasheet
815Kb / 16P
   4.5V??0V, 1A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17575 MAXIM-MAX17575 Datasheet
1Mb / 16P
   4.5V–60V, 1.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 3; 12/19
MAX17503 MAXIM-MAX17503_V01 Datasheet
5Mb / 27P
   4.5V-60V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2021
MAX17536 MAXIM-MAX17536 Datasheet
877Kb / 19P
   4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 2; 6/18
MAX17574 MAXIM-MAX17574_V01 Datasheet
1Mb / 21P
   4.5V to 60V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17576 MAXIM-MAX17576 Datasheet
1Mb / 22P
   4.5V to 60V, 4A, High-Efficiency Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 1; 9/20
MAX17545 MAXIM-MAX17545_V01 Datasheet
1Mb / 21P
   4.5V??2V, 1.7A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2016
MAX17504 MAXIM-MAX17504_V01 Datasheet
1Mb / 26P
   4.5V??0V, 3.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2017
MAX17543 MAXIM-MAX17543_V01 Datasheet
2Mb / 19P
   4.5V??2V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2016
MAX17546 MAXIM-MAX17546 Datasheet
819Kb / 19P
   4.5V–42V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 0; 6/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com