Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T591V107M2R5ATE025 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T591V107M2R5ATE025
Description  T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T591V107M2R5ATE025 Datasheet(HTML) 2 Page - Kemet Corporation

  T591V107M2R5ATE025 Datasheet HTML 1Page - Kemet Corporation T591V107M2R5ATE025 Datasheet HTML 2Page - Kemet Corporation T591V107M2R5ATE025 Datasheet HTML 3Page - Kemet Corporation T591V107M2R5ATE025 Datasheet HTML 4Page - Kemet Corporation T591V107M2R5ATE025 Datasheet HTML 5Page - Kemet Corporation T591V107M2R5ATE025 Datasheet HTML 6Page - Kemet Corporation T591V107M2R5ATE025 Datasheet HTML 7Page - Kemet Corporation T591V107M2R5ATE025 Datasheet HTML 8Page - Kemet Corporation T591V107M2R5ATE025 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2073_T591_T598 • 9/16/2016
22
KEMET Organic Capacitor (KO-CAP®) – Automotive Grade
T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 – 50 VDC
K-SIM
Foradetailedanalysisofspecificpartnumbers,pleasevisitksim.kemet.comtoaccessKEMET’sK-SIMsoftware.KEMET
K-SIMisdesignedtosimulatebehaviorofcomponentswithrespecttofrequency,ambienttemperature,andDCbiaslevels.
Ordering Information
T
59X
D
107
M
010
A
T
E025
Capacitor Class
Series
Case Size Capacitance
Code(pF)
Capacitance
Tolerance
RatedVoltage
(VDC)
Failure Rate/
Design
Termination
Finish
ESR
T = Tantalum 591=500Hours
LoadHumidity
598 = AEC-Q200
Qualified
B
D
V
First two
digits
represent
significant
figures.Third
digitspecifies
numberof
zeros.
M=±20%
2R5 = 2.5
006 = 6.3
010 = 10
016 = 16
020 = 20
025 = 25
035 = 35
050 = 50
A = N/A
T=100%Tin(Sn)
Maximum
ESRinmΩ,
025=25mΩ
Performance Characteristics
Item
Performance Characteristics
OperatingTemperature
−55°Cto105°C/125°C
RatedCapacitanceRange
10–330µFat120Hz/25°C
Capacitance Tolerance
MTolerance(20%)
RatedVoltageRange
2.5–50V
DF(120Hz)
RefertoPartNumberElectricalSpecificationTable
ESR(100kHz)
RefertoPartNumberElectricalSpecificationTable
LeakageCurrent
≤0.1CV(µA)atratedvoltageafter5minutes


Similar Part No. - T591V107M2R5ATE025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T591V107M2R5ATE025 KEMET-T591V107M2R5ATE025 Datasheet
1Mb / 19P
   T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
More results

Similar Description - T591V107M2R5ATE025

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T59XD107M010ATE025 KEMET-T59XD107M010ATE025_17 Datasheet
1Mb / 19P
   T591/T598 High Humidity/High Temperature Automotive Grade Polymer Electrolytic, 2.5 - 50 VDC
T530X337M010ATE005 KEMET-T530X337M010ATE005 Datasheet
1Mb / 17P
   T530 High Capacitance Low ESR Polymer Electrolytic 125째C, 2.5 ??16 VDC
T540D107M10AH6510 KEMET-T540D107M10AH6510 Datasheet
1Mb / 19P
   T540 COTS Polymer Electrolytic for High Reliability Applications, 2.5 ??63 VDC
T541D157M10AH6510 KEMET-T541D157M10AH6510 Datasheet
1Mb / 23P
   T540/T541 COTS Polymer Electrolytic for High Reliability Applications, 2.5 - 63 VDC
logo
TDK Electronics
CGA2B2NP01H181J050BA TDK-CGA2B2NP01H181J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA2B2NP01H271J050BA TDK-CGA2B2NP01H271J050BA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1E224K125AA TDK-CGA4J2X8R1E224K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1H104K125AA TDK-CGA4J2X8R1H104K125AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA5H2NP01H473J115AA TDK-CGA5H2NP01H473J115AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA6N3NP02E333J230AA TDK-CGA6N3NP02E333J230AA Datasheet
238Kb / 1P
   Automotive Grade ( High Temperature Application ) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com