Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP240H-11024SRW Datasheet(PDF) 1 Page - Recom International Power

Part # RP240H-11024SRW
Description  4:1 Wide Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP240H-11024SRW Datasheet(HTML) 1 Page - Recom International Power

  RP240H-11024SRW Datasheet HTML 1Page - Recom International Power RP240H-11024SRW Datasheet HTML 2Page - Recom International Power RP240H-11024SRW Datasheet HTML 3Page - Recom International Power RP240H-11024SRW Datasheet HTML 4Page - Recom International Power RP240H-11024SRW Datasheet HTML 5Page - Recom International Power RP240H-11024SRW Datasheet HTML 6Page - Recom International Power RP240H-11024SRW Datasheet HTML 7Page - Recom International Power RP240H-11024SRW Datasheet HTML 8Page - Recom International Power RP240H-11024SRW Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DC/DC Converter
PB-1
REV.: 1/2016
www.recom-power.com
240 Watt
Half Brick
Single Output
3 YEAR
warranty
3
Description
The half-brick RP240H series DC/DC converters are designed for railway rolling stock and high voltage battery ap-
plications. Each series has three 4:1 input voltage range options to cover all input voltages from 9VDC up to 160VDC
with isolated and regulated 5V to 48VDC outputs. The converters have high efficiencies and metal baseplates to
permit a wide operating temperature range from -40°C to +85°C (when mounted on a suitable heatsink). The case
is fitted with threaded inserts to allow secure mounting to the PCB or bulkhead for use in high shock and vibration
environments. The converters are EN50155, UL60950 and IEC/EN60950 certified. The RP240H-RW series have a
three year warranty.
Features
Regulated
Converters
• 4:1 Wide Input Range
• 3kVAC Reinforced Insulation for 110Vin
2.25kVDC Basic Insulation for 24Vin & 48Vin
• Efficiency up to 91%
• No Minimum Load Required
• UL60950-1, EN50155 & IEC/EN60950-1 Certified
RP240H-RW
EN50155 Certified
IEC/EN60950-1 Certified
UL60950-1 Certified
Selection Guide
Part Number
Input
Output
Output
Input(1)
Output
Efficiency(1) Max. Capacitive
Voltage Range Voltage Current
Current Power
typ.
Load
[VDC]
[VDC]
[mA]
[mA]
[W]
[%]
[µF]
RP240H-2405SRW
9-36
5
36000
8333
180
90
72000
RP240H-2412SRW
9-36
12
15000
8427
180
89
12500
RP240H-2415SRW
9-36
15
12000
8333
180
90
8000
RP240H-2424SRW
9-36
24
7500
8333
180
90
3100
RP240H-2448SRW
9-36
48
3700
8314
177.5
89
770
RP240H-4805SRW
16.5-75
5
40000
4578
200
91
80000
RP240H-4812SRW
16.5-75
12
18000
5000
216
90
15000
RP240H-4815SRW
16.5-75
15
14000
4807
210
91
9000
RP240H-4824SRW
16.5-75
24
9000
5000
216
90
3700
RP240H-4848SRW
16.5-75
48
4500
5000
216
90
930
RP240H-11005SRW
43-160
5
44000
2247
220
89
88000
RP240H-11012SRW
43-160
12
20000
2451
240
89
16600
RP240H-11015SRW
43-160
15
16000
2424
240
90
10600
RP240H-11024SRW
43-160
24
10000
2451
240
89
4100
RP240H-11048SRW
43-160
48
5000
2451
240
89
1000
Ordering Examples
RP240H-2405SRW/N = 24V Input, 5V Output, Single, Neg. CTRL function
RP240H-11012SRW/P = 110V Input, 12V Output, Single, Pos. CTRL function
RP240H-2405SRW/N-HC = 24V Input, 5V Output, Single, Neg. CTRL function with premounted Heat-sink
Model Numbering
Input Voltage
Output Voltage
Single
RP240H-__ __SRW/_ _
Notes:
Note2: standard part is with suffix “P” for positive logic (1=ON, 0=OFF)
or add suffix “N” instead for negative logic (0=ON, 1=OFF)
Note3: add suffix “-HC” for premounted Heat-sink
(compatible with all other suffixes)
E196683
CTRL Logic(2)
Package(3)
Notes:
Note1:
Efficiency is tested by nominal Vin, full load and at 25°C.


Similar Part No. - RP240H-11024SRW

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
RP24110ADA SYSTEMSENSOR-RP24110ADA Datasheet
101Kb / 4P
   ADA Strobe Retrofit Plate
RP241575ADA SYSTEMSENSOR-RP241575ADA Datasheet
101Kb / 4P
   ADA Strobe Retrofit Plate
RP2415ADA SYSTEMSENSOR-RP2415ADA Datasheet
101Kb / 4P
   ADA Strobe Retrofit Plate
RP2475ADA SYSTEMSENSOR-RP2475ADA Datasheet
101Kb / 4P
   ADA Strobe Retrofit Plate
More results

Similar Description - RP240H-11024SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP75H-RW RECOM-RP75H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP90Q-RW RECOM-RP90Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com