Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS6-0512S Datasheet(PDF) 6 Page - Recom International Power

Part # RS6-0512S
Description  Highest Power Density In SIP Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS6-0512S Datasheet(HTML) 6 Page - Recom International Power

  RS6-0512S Datasheet HTML 1Page - Recom International Power RS6-0512S Datasheet HTML 2Page - Recom International Power RS6-0512S Datasheet HTML 3Page - Recom International Power RS6-0512S Datasheet HTML 4Page - Recom International Power RS6-0512S Datasheet HTML 5Page - Recom International Power RS6-0512S Datasheet HTML 6Page - Recom International Power RS6-0512S Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ESD Electrostatic discharge immunity test
±8kV Air Discharge,
±6kV Contact Discharge
EN61000-4-2, Criteria A
Radiated, radio-frequency, electromagnetic field immunity test
10V/m
EN61000-4-3, Criteria A
Fast Transient and Burst Immunity
±2kV
EN61000-4-4, Criteria A
Surge Immunity
±1kV
EN61000-4-5, Criteria A
Immunity to conducted disturbances, induced by radio-frequency fields
10Vr.m.s
EN61000-4-6, Criteria A
RS6
Series
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
ECO-6
REV.: 2/2017
www.recom-power.com
C1
C2
+Vin
-Vin
L1
L1
L2
C1
C2
C4
C5
C3
C6
C7
C8
+Vin
-Vin
EMC Filtering - Suggestions for EN55022 Class A
EMC Filtering - Suggestions for EN55022 Class B
Model
C1
C2
L1
RS6-05xx
22µF
N/A
1µH CMC
RS6-12xx
4.7µF
2.2µH CMC
RS6-24xx
6.8µH CMC
RS6-48xx
2.2µF
2.2µF
10µH CMC
Model
C1
C2
L1
C3
C4
L2
C5
C6
C7
C8
RS6-05xx
22µF
N/A
1µH CMC
10µF
N/A
200µH
CMC
10µF
N/A
47pF
100pF
RS6-12xx
10µF
6.8µH CMC
4.7µF
RS6-24xx
4.7µF
10µH CMC
4.7µF
4.7µF
N/A
33pF
220pF
RS6-48xx
2.2µF
2.2µF
22µH CMC
2.2µF
2.2µF
600µH CMC
1µF
47pF
680pF
Surge Protection Circuit according to EN61000-4-5, Criteria A
Csurge
Dsurge
+Vin
-Vin
Input Voltage
Csurge
Dsurge
max. Surge Voltage
5VDC
100V, 220F
E/Cap
TVS (P4SMAJ15CA)
±1kVDC
12VDC
N/A
24VDC
48VDC


Similar Part No. - RS6-0512S

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS6-0512R30AX RSG-RS6-0512R30AX Datasheet
112Kb / 3P
   3.0 Watt regulated single output
More results

Similar Description - RS6-0512S

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MCW03 TOTAL-POWER-MCW03 Datasheet
695Kb / 4P
   High Power Density in SIP-8 Package
MCWI03 TOTAL-POWER-MCWI03 Datasheet
569Kb / 4P
   High Power Density in SIP-8 Package
MEW1000 TOTAL-POWER-MEW1000 Datasheet
552Kb / 4P
   High Power Density in SIP-9 Package
MCW1000 TOTAL-POWER-MCW1000_17 Datasheet
494Kb / 4P
   High Power Density in SIP-8 Package
MCWI02 TOTAL-POWER-MCWI02 Datasheet
668Kb / 3P
   High Power Density in SIP-8 Package
MA03 TOTAL-POWER-MA03 Datasheet
406Kb / 4P
   High Power Density, 3W in SIP-7 Package
MJW25 TOTAL-POWER-MJW25 Datasheet
539Kb / 10P
   Highest Power Density
logo
Minmax Technology Co., ...
MCWI03 MINMAX-MCWI03 Datasheet
700Kb / 4P
   DC/DCCONVERTER 3W High Power Density in SIP-8 Package
MCW03 MINMAX-MCW03 Datasheet
819Kb / 4P
   DC/DC CONVERTER 3W, High Power Density in SIP-8 Package
MCWI02 MINMAX-MCWI02 Datasheet
649Kb / 3P
   DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com