Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP180H-11012SRW Datasheet(PDF) 10 Page - Recom International Power

Part # RP180H-11012SRW
Description  4:1 Wide Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP180H-11012SRW Datasheet(HTML) 10 Page - Recom International Power

Back Button RP180H-11012SRW Datasheet HTML 6Page - Recom International Power RP180H-11012SRW Datasheet HTML 7Page - Recom International Power RP180H-11012SRW Datasheet HTML 8Page - Recom International Power RP180H-11012SRW Datasheet HTML 9Page - Recom International Power RP180H-11012SRW Datasheet HTML 10Page - Recom International Power RP180H-11012SRW Datasheet HTML 11Page - Recom International Power RP180H-11012SRW Datasheet HTML 12Page - Recom International Power RP180H-11012SRW Datasheet HTML 13Page - Recom International Power RP180H-11012SRW Datasheet HTML 14Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PB-10
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
RP180H-RW
Series
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety
E196683
UL60950-1, 2nd Edition, 2014
CSA C22.2 No. 60950-1-07, 2014
IEC/EN Information Technology Equipment - General Requirments for Safety
TW1608033-001, TW1608036-001,
TW1608037-001
IEC60950-1, 2nd Edition, 2005
EN60950-1, 1st Edition, 2006
Railway Applications - Electrical Equipment used on rolling stock
16A081501E-C
EN50155, 2007
EMI Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance characteristics - Limits and
methods of measurement
with external components
EN55022, Class A and Class B
Industrial, scientific and medical equipment - Radio frequency disturbance
characteristics - Limits and methods of measurement
EN55011, Class A and Class B
ESD Electrostatic discharge immunity test
Radiated, radio-frequency, electromagnetic field immunity test
Fast Transient and Burst Immunity(6)
Surge Immunity(6)
Immunity to conducted disturbances, induced by radio-frequency fields
Power Magnetic Field Immunity
Air ±8kV and Contact ±6kV
20 V/m
±2kV
EN55024 & EN50155 ±2kV
10 Vr.m.s
100A/m continuous; 1000A/m 1s
EN61000-4-2, Criteria A
EN61000-4-3, Criteria A
EN61000-4-4, Criteria A
EN61000-4-5, Criteria A
EN61000-4-6, Criteria A
EN61000-4-8, Criteria A
continued on next page
Fuse
C1
C2
+VIN
-VIN
C12
C11
Case
L1
C3
C4
C5
C8
C10
C15
C9
C14
C13
C6
C7
L2
Fuse
C1
C3
+VIN
-VIN
C11
Shield Plane
C10
Case
L1
C2
C4
C5
C6
C7
C8
Shield Plane
C9
C12
C13
RP180H EMI Class B
RP180H EMI Class A
Notes:
Note6: An external input filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5.
The
24Vin and 48Vin version recommend 2pcs of aluminium elecrolytic capacitor to connect in parallel.
Recom suggest: Nippon Chemi-con KY series, 220µF/100V.
The
110Vin version recommend 3pcs of aluminium electrolytic capacitor to connect in parallel.
Recom suggest: Rubycon BXF series, 100µF/250V
MODEL
C1, C2, C4, C5
C3, C6, C7
C8, C9, C10,
C11, C13
C12
L1
RP180H-24xxSRW
470µF, 50V
Al cap. (lie down) Chemi-con KY
4.7µF, 50V
1812 MLCC
1000pF, 3kV
1808 MLCC
3300pF, 3kV
1808 MLCC
156µH
CMC
RP180H-48xxSRW
220µF, 100V
Al cap. (lie down) Chemi-con KY
2.2µF, 100V
1812 MLCC
1000pF, 3kV
1808 MLCC
224µH
CMC
RP180H-110xxSRW
150µF, 200V
Al cap. (lie down) Chemi-con KXJ
1µF, 250V
1812 MLCC
521µH
CMC
EMI Filtering according to EN55022/11 Class A and EN50121-1


Similar Part No. - RP180H-11012SRW

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
RP1-1.5V NAIS-RP1-1.5V Datasheet
80Kb / 4P
   LOW PROFILE HIGH FREQUENCY RELAY
RP1-12V NAIS-RP1-12V Datasheet
80Kb / 4P
   LOW PROFILE HIGH FREQUENCY RELAY
RP1-24V NAIS-RP1-24V Datasheet
80Kb / 4P
   LOW PROFILE HIGH FREQUENCY RELAY
RP1-3V NAIS-RP1-3V Datasheet
80Kb / 4P
   LOW PROFILE HIGH FREQUENCY RELAY
RP1-4.5V NAIS-RP1-4.5V Datasheet
80Kb / 4P
   LOW PROFILE HIGH FREQUENCY RELAY
More results

Similar Description - RP180H-11012SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP75H-RW RECOM-RP75H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP90Q-RW RECOM-RP90Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP240H-RW RECOM-RP240H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com