Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08RG60FJ Datasheet(PDF) 83 Page - Motorola, Inc

Part # MC9S08RG60FJ
Description  Microcontrollers
Download  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9S08RG60FJ Datasheet(HTML) 83 Page - Motorola, Inc

Back Button MC9S08RG60FJ Datasheet HTML 79Page - Motorola, Inc MC9S08RG60FJ Datasheet HTML 80Page - Motorola, Inc MC9S08RG60FJ Datasheet HTML 81Page - Motorola, Inc MC9S08RG60FJ Datasheet HTML 82Page - Motorola, Inc MC9S08RG60FJ Datasheet HTML 83Page - Motorola, Inc MC9S08RG60FJ Datasheet HTML 84Page - Motorola, Inc MC9S08RG60FJ Datasheet HTML 85Page - Motorola, Inc MC9S08RG60FJ Datasheet HTML 86Page - Motorola, Inc MC9S08RG60FJ Datasheet HTML 87Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 232 page
background image
SoC Guide — MC9S08RG60/D Rev 1.10
Freescale Semiconductor
83
MC9S08RC/RD/RE/RG
Memory and addressing
M=
A memory location or absolute data, depending on addressing mode
M:M + $0001=
A 16-bit value in two consecutive memory locations. The higher-order (most
significant) 8 bits are located at the address of M, and the lower-order (least
significant) 8 bits are located at the next higher sequential address.
Condition code register (CCR) bits
V
=
Two’s complement overflow indicator, bit 7
H
=
Half carry, bit 4
I
=
Interrupt mask, bit 3
N
=
Negative indicator, bit 2
Z
=
Zero indicator, bit 1
C
=
Carry/borrow, bit 0 (carry out of bit 7)
CCR activity notation
=
Bit not affected
0
=
Bit forced to 0
1
=
Bit forced to 1
=
Bit set or cleared according to results of operation
U
=
Undefined after the operation
Machine coding notation
dd
=
Low-order 8 bits of a direct address $0000–$00FF (high byte assumed to be
$00)
ee
=
Upper 8 bits of 16-bit offset
ff
=
Lower 8 bits of 16-bit offset or 8-bit offset
ii
=
One byte of immediate data
jj
=
High-order byte of a 16-bit immediate data value
kk
=
Low-order byte of a 16-bit immediate data value
hh
=
High-order byte of 16-bit extended address
ll
=
Low-order byte of 16-bit extended address
rr
=
Relative offset


Similar Part No. - MC9S08RG60FJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08RG60FJE FREESCALE-MC9S08RG60FJE Datasheet
1Mb / 234P
   Microcontrollers
More results

Similar Description - MC9S08RG60FJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com