Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPA30-243.3SAW Datasheet(PDF) 3 Page - Recom International Power

Part # RPA30-243.3SAW
Description  4:1 Wide Input Voltage Range
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA30-243.3SAW Datasheet(HTML) 3 Page - Recom International Power

  RPA30-243.3SAW Datasheet HTML 1Page - Recom International Power RPA30-243.3SAW Datasheet HTML 2Page - Recom International Power RPA30-243.3SAW Datasheet HTML 3Page - Recom International Power RPA30-243.3SAW Datasheet HTML 4Page - Recom International Power RPA30-243.3SAW Datasheet HTML 5Page - Recom International Power RPA30-243.3SAW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OUTPUT TRIM
DC/DC Converter
Specifications measured @ta = 25°C, resistive load, nominal Vin and rated Iout unless otherwise noted
RPA30-AW
Series
PD-3
REV.: 0/2016
www.recom-power.com
RU
5
5
6
RD
4
Output Voltage Trimming
RPA30-AW converters offer the feature of trimming the output voltage over a certain range around the nominal value by using external trim
resistors. The values for trim resistors shown in trim tables below are according to standard E96 values; therefore, the specified voltage may
slightly vary.
RPA30-243.3SAW
RPA30-2405SAW
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
3.33
3.36
3.39
3.43
3.46
3.49
3.53
3.56
3.59
3.63
Volts
R
U =
402
169
100
75
47.5
34.8
26.1
17.8
12.1
8.06
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
3.27
3.23
3.20
3.17
3.14
3.10
3.07
3.04
3.0
2.97
Volts
R
D =
402
191
113
75
52.3
39.2
26.7
20
12.1
8.06
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.40
5.45
5.50
Volts
R
U =
604
243
147
95.3
68.1
39.2
34.8
22.1
15
8.06
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
4.95
4.90
4.85
4.80
4.75
4.70
4.65
4.60
4.55
4.50
Volts
R
D =
604
287
169
124
105
78.7
54.9
39.2
15
0.5
KOhms
RPA30-2412SAW
RPA30-2415SAW
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
12.12
12.24
12.36
12.48
12.6
12.72
12.84
12.96
13.08
13.20
Volts
R
U =
604
267
162
105
75
499
40.2
24.9
18.2
10
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
11.88
11.76
11.64
11.52
11.40
11.28
11.16
11.04
10.92
10.80
Volts
R
D =
750
309
200
124
90.9
64.9
45.3
32.4
20
12.1
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
15.15
15.30
15.45
15.60
15.75
15.90
16.05
16.20
16.35
16.50
Volts
R
U =
1000
243
200
130
90.9
61.9
40.2
30.1
24.9
10
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
14.85
14.70
14.55
14.40
14.25
14.10
13.95
13.80
13.65
13.50
Volts
R
D =
1000
348
210
140
95.3
68.1
45.3
30.1
18.2
8.06
KOhms


Similar Part No. - RPA30-243.3SAW

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
RPA MAGNETROL-RPA Datasheet
1Mb / 12P
   THERMATEL짰THERMALDISPERSION
logo
TOCOSAMERICA, INC.
RPA TOCOS-RPA Datasheet
454Kb / 1P
   High Quality POTENTIOMETERS
logo
AVX Corporation
RPA AVX-RPA Datasheet
344Kb / 4P
   Radial Leaded Aluminum Conductive Polymer Electrolytic Capacitors
Rev 0
logo
TDK Electronics
RPA-2003 TDK-RPA-2003 Datasheet
528Kb / 4P
   Single-Phase Filter with Inlet Socket Type for High-Voltage Pulse Noise
RPA-2003L TDK-RPA-2003L Datasheet
528Kb / 4P
   Single-Phase Filter with Inlet Socket Type for High-Voltage Pulse Noise
More results

Similar Description - RPA30-243.3SAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Wall Industries,Inc.
RGUW3 WALL-RGUW3 Datasheet
362Kb / 6P
   4:1 Ultra Wide Input Voltage Range
RBA30 WALL-RBA30 Datasheet
1Mb / 10P
   Ultra Wide 4:1 Input Voltage Range
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP75H-RW RECOM-RP75H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP90Q-RW RECOM-RP90Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP240H-RW RECOM-RP240H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com