Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14942GWE+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX14942GWE+T
Description  5kV Isolated 20Mbps Half-Duplex PROFIBUS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14942GWE+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX14942GWE+T Datasheet HTML 2Page - Maxim Integrated Products MAX14942GWE+T Datasheet HTML 3Page - Maxim Integrated Products MAX14942GWE+T Datasheet HTML 4Page - Maxim Integrated Products MAX14942GWE+T Datasheet HTML 5Page - Maxim Integrated Products MAX14942GWE+T Datasheet HTML 6Page - Maxim Integrated Products MAX14942GWE+T Datasheet HTML 7Page - Maxim Integrated Products MAX14942GWE+T Datasheet HTML 8Page - Maxim Integrated Products MAX14942GWE+T Datasheet HTML 9Page - Maxim Integrated Products MAX14942GWE+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Safety Regulatory Approvals (Pending)
Insulation Characteristics
PARAMETER
SYMBOL
CONDITIONS
VALUE
UNITS
Partial Discharge Test Voltage
VPR
Method B1 = VIORM x 1.875 (t = 1s,
partial discharge < 5pC)
2250
VP
Maximum Repetitive Peak Isolation Voltage
VIORM (Note 11)
1200
V
Maximum Working Isolation Voltage
VIOWM (Note 11)
848
VRMS
Maximum Transient Isolation Voltage
VIOTM
t = 1s
8400
VP
Maximum Withstand Isolation Voltage
VISO
t = 60s, f = 60Hz (Note 11, 12)
5000
VRMS
Maximum Surge Isolation Voltage
VISOM
IEC 61000-4-5, 1.2/50µs
10
kV
Insulation Resistance
RS
TA = +150°C, VIO = 500V
> 109
Ω
Barrier Capacitance Input-to-Output
CIO
f = 1MHz
2
pF
Minimum Creepage Distance
CPG
Wide SOIC
8
mm
Minimum Clearance Distance
CLR
Wide SOIC
8
mm
Internal Clearance
Distance through insulation
0.015
mm
Comparative Tracking Resistance Index
CTI
Material Group II (IEC 60112)
575
Climatic Category
40/125/21
Pollution Degree (DIN VDE 0110, Table 1)
2
Note 11: VIORM, VIOWM, and VISO are defined by the IEC 60747-5-5 standard.
Note 12: Product is qualified at VISO for 60 seconds. 100% production tested at 120% of VISO for 1 second.
UL
The MAX14941/MAX14942 is certified under UL1577. For more details, see File E351759.
Rate up to 5000VRMS isolation voltage for basic insulation.
cUL
Pending
VDE
Pending
TUV
Pending
Figure 1. Driver DC Test Load
2
RL
2
VOC
VOD
A
B
(a)
375Ω
VCM
A
B
(b)
375Ω
+
-
60Ω
VOD
RL
MAX14941/MAX14942
5kV Isolated 20Mbps Half-Duplex PROFIBUS/
RS-485 Transceivers with ±35kV ESD Protection
www.maximintegrated.com
Maxim Integrated │ 6


Similar Part No. - MAX14942GWE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14942 MAXIM-MAX14942 Datasheet
2Mb / 9P
   Operates From a Single 3.3V Supply
Rev 1; 7/16
More results

Similar Description - MAX14942GWE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14938 MAXIM-MAX14938 Datasheet
1Mb / 22P
   2.75kVRMS Isolated 20Mbps Half-Duplex PROFIBUS
Rev 0; 4/16
logo
Analog Devices
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
logo
Maxim Integrated Produc...
MAX14945 MAXIM-MAX14945 Datasheet
926Kb / 21P
   2.75kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
logo
Analog Devices
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Maxim Integrated Produc...
MAX33046E MAXIM-MAX33046E Datasheet
390Kb / 16P
   20Mbps, Half-Duplex RS-485/RS-422 Transceivers with 짹40kV ESD Protection
2021
MAX14948 MAXIM-MAX14948 Datasheet
906Kb / 21P
   5kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
logo
Analog Devices
ADM2483 AD-ADM2483 Datasheet
489Kb / 20P
   Half-Duplex iCoupler-R Isolated RS-485 Transceiver
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com