Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14945 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14945
Description  2.75kVRMS Isolated 500kbps Half-Duplex RS-485
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14945 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14945 Datasheet HTML 1Page - Maxim Integrated Products MAX14945 Datasheet HTML 2Page - Maxim Integrated Products MAX14945 Datasheet HTML 3Page - Maxim Integrated Products MAX14945 Datasheet HTML 4Page - Maxim Integrated Products MAX14945 Datasheet HTML 5Page - Maxim Integrated Products MAX14945 Datasheet HTML 6Page - Maxim Integrated Products MAX14945 Datasheet HTML 7Page - Maxim Integrated Products MAX14945 Datasheet HTML 8Page - Maxim Integrated Products MAX14945 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DC Electrical Characteristics (continued)
(VDDA – VGNDA = 1.71V to 5.5V, VDDB – VGNDB = 4.5V to 5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
VDDA – VGNDA = 3.3V, VDDB – VGNDB = 5V, VGNDA = VGNDB, and TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Change in Magnitude of
Common-Mode Voltage
ΔVOC
RL = 54Ω (Note 5)
0.2
V
Driver Short-Circuit Output
Current
IOSD
GNDB ≤ VOUT ≤ +12V, output low (Note 6)
+40
+250
mA
-7V ≤ VOUT ≤ VDDB, output high (Note 6)
-250
-40
Driver Short-Circuit Foldback
Output Current
IOSDF
(VDDB – 1V) ≤ VOUT ≤ +12V,
output low (Note 6)
+20
mA
-7V ≤ VOUT ≤ +1V, output high (Note 6)
-20
RECEIVER
Input Current (A and B)
IA, IB
DE = low, VDDB
= GNDB or 5.5V
VIN = +12V
+125
µA
VIN = -7V
-100
Receiver Differential Threshold
Voltage
VTH
-7V ≤ VCM ≤ +12V
-200
-125
-50
mV
Receiver Input Hysteresis
ΔVTH
VCM = 0V
15
mV
Receiver Input Resistance
RIN
-7V ≤ VCM ≤ +12V, DE = low
96
PROTECTION
Thermal-Shutdown Threshold
TSHDN
Temperature Rising
+160
°C
Thermal-Shutdown Hysteresis
THYST
15
°C
ESD Protection
(A and B Pins to GNDB)
Human Body Model
±30
kV
IEC 61000-4-2 Air Gap Discharge
±15
IEC 61000-4-2 Contact Discharge
±10
ESD Protection (All Other Pins)
Human Body Model
±4
kV
MAX14945
2.75kVRMS Isolated 500kbps Half-Duplex RS-485/
RS-422 Transceiver with ±30kV ESD Protection
www.maximintegrated.com
Maxim Integrated │ 4


Similar Part No. - MAX14945

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14945 MAXIM-MAX14945 Datasheet
2Mb / 9P
   Operates From a Single 3.3V Supply
Rev 1; 7/16
More results

Similar Description - MAX14945

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14948 MAXIM-MAX14948 Datasheet
906Kb / 21P
   5kVRMS Isolated 500kbps Half-Duplex RS-485
Rev 0; 11/15
MAX14852 MAXIM-MAX14852 Datasheet
807Kb / 22P
   2.75kVRMS Isolated 500kbps/25Mbps Full-Duplex
Rev 0; 11/15
logo
Analog Devices
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
   Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
   Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
logo
Maxim Integrated Produc...
MAX14938 MAXIM-MAX14938 Datasheet
1Mb / 22P
   2.75kVRMS Isolated 20Mbps Half-Duplex PROFIBUS
Rev 0; 4/16
logo
Analog Devices
ADM2483 AD-ADM2483 Datasheet
489Kb / 20P
   Half-Duplex iCoupler-R Isolated RS-485 Transceiver
Rev. 0
logo
Renesas Technology Corp
ISL32743E RENESAS-ISL32743E Datasheet
818Kb / 19P
   Isolated 3.3V Half-Duplex 40Mbps RS-485 Transceiver
Jul 9, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com