Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH0V104ZF Datasheet(PDF) 10 Page - Kemet Corporation

Part # FGH0V104ZF
Description  Supercapacitors FG Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FGH0V104ZF Datasheet(HTML) 10 Page - Kemet Corporation

Back Button FGH0V104ZF Datasheet HTML 6Page - Kemet Corporation FGH0V104ZF Datasheet HTML 7Page - Kemet Corporation FGH0V104ZF Datasheet HTML 8Page - Kemet Corporation FGH0V104ZF Datasheet HTML 9Page - Kemet Corporation FGH0V104ZF Datasheet HTML 10Page - Kemet Corporation FGH0V104ZF Datasheet HTML 11Page - Kemet Corporation FGH0V104ZF Datasheet HTML 12Page - Kemet Corporation FGH0V104ZF Datasheet HTML 13Page - Kemet Corporation FGH0V104ZF Datasheet HTML 14Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6013_FG • 7/10/2014
Supercapacitors – FG Series
Measurement Conditions cont’d
Current (at 30 minutes after charging)
Current shall be calculated from the equation below. Prior to measurement, both lead terminals must be short-circuited for a minimum
of 30 minutes. The lead terminal connected to the metal can case is connected to the negative side of the power supply.
Eo: 2.5 VDC (HV Series 50 F)
2.7 VDC (HV Series except 50 F)
3.0 VDC (3.5 V type)
5.0 VDC (5.5 V type)
Rc: 1000 Ω (0.010 F, 0.022 F, 0.047 F)
100 Ω (0.10 F, 0.22 F, 0.47 F)
10 Ω (1.0 F, 1.5 F, 2.2 F, 4.7 F)
2.2 Ω (HV Series)
Self-Discharge Characteristic (0H – 5.5 V Products)
The self-discharge characteristic is measured by charging a voltage of 5.0 VDC (charge protection resistance: 0 Ω) according to the
capacitor polarity for 24 hours, then releasing between the pins for 24 hours and measuring the pin-to-pin voltage. The test should be
carried out in an environment with an ambient temperature of 25° C or below and relative humidity of 70% RH or below.
the soldering is checked.
4. Dismantling
There is a small amount of electrolyte stored within the capacitor. Do not attempt to dismantle as direct skin contact with the electrolyte
will cause burning. This product should be treated as industrial waste and not is not to be disposed of by fire.
Super Capacitors Vol.13 37
Capacitance (Discharge System:3.5V)
In the diagram below, charging is performed for a duration of 30 minutes, once the voltage of the capacitor terminal reaches 3.5V.
Then, use a constant current load device and measure the time for the terminal voltage to drop from 1.8 to 1.5V upon
discharge at 1 mA per 1F, and calculate the static capacitance according to the equation shown below.
Capacitance (Discharge System:HVseries)
In the diagram below, charging is performed for a duration of 30 minutes, once the voltage of the capacitor terminal reaches
Max. operating voltage.
Then, use a constant current load device and measure the time for the terminal voltage to drop from 2.0 to 1.5V upon discharge
at 1 mA per 1F, and calculate the static capacitance according to the equation shown below.
Equivalent series resistance (ESR)
ESR shall be calculated from the equation below.
Current (at 30 minutes after charging)
Current shall be calculated from the equation below.
Prior to measurement, both lead terminals must be short-circuited for a minimum of 30 minutes.
The lead terminal connected to the metal can case is connected to the negative side of the power supply.
Eo:2.5Vdc (HVseries 50F)
2.7Vdc (HVseries except 50F)
3.0Vdc (3.5V type)
5.0Vdc (5.5V type)
Rc:1000Ω (0.010F, 0.022F, 0.047F)
100Ω (0.10F, 0.22F, 0.47F)
10Ω (1.0F, 1.5F, 2.2F, 4.7F)
2.2Ω (HVseries)
Self-discharge characteristic (0H: 5.5V products)
The self-discharge characteristic is measured by charging a voltage of 5.0 Vdc (charge protection resistance: 0Ω) according
to the capacitor polarity for 24 hours, then releasing between the pins for 24 hours and measuring the pin-to-pin voltage.
The test should be carried out in an environment with an ambient temperature of 25℃ or below and relative humidity of 70%
RH or below.
A
V
C
R
3.5V
SW
30 minutes
T1
T2
V2 : 1.5V
V1 : 1.8V
3.5V
(V)
V1
V2
Time (sec.)
A
V
C
R
3.5V
SW
V2 : 1.5V
V1 : 2.0V
3.5V
(V)
V1
V2
Time (sec.)
30 minutes
T1
T2
C=
(F)
I×(T2-T1)
V1-V2
C=
(F)
I×(T2-T1)
V1-V2
Current=
(A)
VR
RC
ESR=
(Ω)
VC
0.01
C
10mA
VC
f:1kHz
C
SW
RC
EO
VR
Super Capacitors Vol.13 37
Capacitance (Discharge System:3.5V)
In the diagram below, charging is performed for a duration of 30 minutes, once the voltage of the capacitor terminal reaches 3.5V.
Then, use a constant current load device and measure the time for the terminal voltage to drop from 1.8 to 1.5V upon
discharge at 1 mA per 1F, and calculate the static capacitance according to the equation shown below.
Capacitance (Discharge System:HVseries)
In the diagram below, charging is performed for a duration of 30 minutes, once the voltage of the capacitor terminal reaches
Max. operating voltage.
Then, use a constant current load device and measure the time for the terminal voltage to drop from 2.0 to 1.5V upon discharge
at 1 mA per 1F, and calculate the static capacitance according to the equation shown below.
Equivalent series resistance (ESR)
ESR shall be calculated from the equation below.
Current (at 30 minutes after charging)
Current shall be calculated from the equation below.
Prior to measurement, both lead terminals must be short-circuited for a minimum of 30 minutes.
The lead terminal connected to the metal can case is connected to the negative side of the power supply.
Eo:2.5Vdc (HVseries 50F)
2.7Vdc (HVseries except 50F)
3.0Vdc (3.5V type)
5.0Vdc (5.5V type)
Rc:1000Ω (0.010F, 0.022F, 0.047F)
100Ω (0.10F, 0.22F, 0.47F)
10Ω (1.0F, 1.5F, 2.2F, 4.7F)
2.2Ω (HVseries)
Self-discharge characteristic (0H: 5.5V products)
The self-discharge characteristic is measured by charging a voltage of 5.0 Vdc (charge protection resistance: 0Ω) according
to the capacitor polarity for 24 hours, then releasing between the pins for 24 hours and measuring the pin-to-pin voltage.
The test should be carried out in an environment with an ambient temperature of 25℃ or below and relative humidity of 70%
RH or below.
A
V
C
R
3.5V
SW
30 minutes
T1
T2
V2 : 1.5V
V1 : 1.8V
3.5V
(V)
V1
V2
Time (sec.)
A
V
C
R
3.5V
SW
V2 : 1.5V
V1 : 2.0V
3.5V
(V)
V1
V2
Time (sec.)
30 minutes
T1
T2
C=
(F)
I×(T2-T1)
V1-V2
C=
(F)
I×(T2-T1)
V1-V2
Current=
(A)
VR
RC
ESR=
(Ω)
VC
0.01
C
10mA
VC
f:1kHz
C
SW
RC
EO
VR


Similar Part No. - FGH0V104ZF

ManufacturerPart #DatasheetDescription
logo
NEC
FGH0H104ZF NEC-FGH0H104ZF Datasheet
476Kb / 39P
   Super Capacitors
FGH0H105ZF NEC-FGH0H105ZF Datasheet
476Kb / 39P
   Super Capacitors
logo
Kemet Corporation
FGH0H105ZF KEMET-FGH0H105ZF Datasheet
52Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FGH, 1 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 7.62mm
logo
NEC
FGH0H224ZF NEC-FGH0H224ZF Datasheet
476Kb / 39P
   Super Capacitors
logo
Kemet Corporation
FGH0H224ZF KEMET-FGH0H224ZF Datasheet
53Kb / 1P
   Supercapacitors, Radial Pin, Commercial Grade, FGH, 0.22 F, -20/80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
More results

Similar Description - FGH0V104ZF

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
   Supercapacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com