Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR2030DMXTAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSR2030DMXTAG
Description  2A, 30V Schottky Half Bridge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR2030DMXTAG Datasheet(HTML) 1 Page - ON Semiconductor

  NSR2030DMXTAG Datasheet HTML 1Page - ON Semiconductor NSR2030DMXTAG Datasheet HTML 2Page - ON Semiconductor NSR2030DMXTAG Datasheet HTML 3Page - ON Semiconductor NSR2030DMXTAG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2015
August, 2016 − Rev. 0
Publication Order Number:
NSR2030DMX/D
NSR2030DMX
2A, 30V Schottky Half Bridge
These half bridge Schottky barrier diodes are designed for the
rectification of the high speed signal of wireless charging. The
NSR2030DMX has a very low forward voltage that will reduce
conduction loss. It is housed in a XDFN 2.0 x 1.35 x 0.4 mm package
that is ideal for space constrained wireless applications.
Features
Extremely Fast Switching Speed
Low Forward Voltage − 0.54 V (Typ) @ IF = 2 A
These Devices are Pb−Free, Halogen Free and are RoHS Compliant
Typical Applications
Low Voltage Half Bridge Rectification & Wireless Charging
MAXIMUM RATINGS (TJ = 150°C unless otherwise noted) (Note 1)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
V
Forward Current (DC)
IF
2.0
A
Forward Current Surge Peak
(60 Hz, 1 cycle)
IFSM
8.0
A
Non−Repetitive Peak Forward Current
(Square Wave, TJ = 25°C prior to surge)
t = 1
ms
t = 1 ms
t = 1 s
IFSM
55
10
5.0
A
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. All specifications pertain to a single diode.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board
TA = 25°C
Derate above 25
°C
PD
(Note 2)
0.634
5.07
W
mW/
°C
Thermal Resistance Junction to Ambient
RqJA
(Note 2)
197.2
°C/W
Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
−55 to
+150
°C
2. Single Layer JEDEC JESD51.3 FR−4 @ 100 mm2, 2 oz. copper trace, still air.
MARKING
DIAGRAM
Device
Package
Shipping†
ORDERING INFORMATION
XDFN4 2.0x1.35
CASE 711BD
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NSR2030DMXTAG
XDFN4
(Pb−Free)
3000 / Tape &
Reel
3D
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
PIN CONNECTIONS
DEVICE SCHEMATIC
3D M
G


Similar Part No. - NSR2030DMXTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR20305NXT5G ONSEMI-NSR20305NXT5G Datasheet
62Kb / 5P
   2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR20306NXT5G ONSEMI-NSR20306NXT5G Datasheet
62Kb / 5P
   2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR2030QMUTAG ONSEMI-NSR2030QMUTAG Datasheet
76Kb / 4P
   Schottky Full Bridge
September, 2015 ??Rev. 0
NSR2030QMUTWG ONSEMI-NSR2030QMUTWG Datasheet
127Kb / 6P
   2A, 30V Schottky Full Bridge
May, 2017 - Rev. 1
More results

Similar Description - NSR2030DMXTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR2030QMUTWG ONSEMI-NSR2030QMUTWG Datasheet
127Kb / 6P
   2A, 30V Schottky Full Bridge
May, 2017 - Rev. 1
logo
Microsemi Corporation
SG1635 MICROSEMI-SG1635 Datasheet
49Kb / 5P
   2A, HALF-BRIDGE DRIVER
logo
IXYS Corporation
IX2R11 IXYS-IX2R11 Datasheet
616Kb / 6P
   2A Half-Bridge Driver
logo
Monolithic Power System...
MP1909 MPS-MP1909 Datasheet
986Kb / 15P
   30V, 2.2MHz, 2A Half-Bridge Gate Driver in SOT583 Package
Rev. 1.0 7/10/2020
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
   30V/4A Half Bridge Driver
logo
Shindengen Electric Mfg...
D1FP3 SHINDENGEN-D1FP3 Datasheet
569Kb / 8P
   Schottky Rectifiers (SBD) (30V 2A)
logo
STMicroelectronics
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
   30V 3.5A QUAD POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500_06 Datasheet
245Kb / 11P
   30V 3.5A QUAD POWER HALF BRIDGE
logo
Torex Semiconductor
XBS203V19R-G TOREX-XBS203V19R-G Datasheet
109Kb / 4P
   Schottky Barrier Diode, 2A, 30V Type
XBS203V17R-G TOREX-XBS203V17R-G Datasheet
103Kb / 3P
   Schottky Barrier Diode, 2A, 30V Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com