Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR2030DMX Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSR2030DMX
Description  2A, 30V Schottky Half Bridge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR2030DMX Datasheet(HTML) 2 Page - ON Semiconductor

  NSR2030DMX Datasheet HTML 1Page - ON Semiconductor NSR2030DMX Datasheet HTML 2Page - ON Semiconductor NSR2030DMX Datasheet HTML 3Page - ON Semiconductor NSR2030DMX Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NSR2030DMX
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Note 3)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR = 1.0 mA)
V(BR)
30
V
Reverse Leakage (VR = 30 V)
IR
5.0
20
mA
Forward Voltage (IF = 0.5 A)
VF
0.41
0.45
V
Forward Voltage (IF = 1.0 A)
VF
0.46
0.55
V
Forward Voltage (IF = 2.0 A)
VF
0.54
0.65
V
Reverse Recovery Time
(IF = IR = 10 mA, IR(REC) = 1.0 mA)
trr
25
ns
Total Capacitance (VR = 1.0 V, f = 1.0 MHz)
CT
76
pF
3. All specifications pertain to a single diode.
Notes: 1. A 2.0 k
W variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820
W
0.1
mF
D.U.T.
VR
100
mH
0.1
mF
50
W OUTPUT
PULSE
GENERATOR
50
W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1.0 mA
OUTPUT PULSE
(IF = IR = 10 mA; MEASURED
at iR(REC) = 1.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit


Similar Part No. - NSR2030DMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR20305NXT5G ONSEMI-NSR20305NXT5G Datasheet
62Kb / 5P
   2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR20306NXT5G ONSEMI-NSR20306NXT5G Datasheet
62Kb / 5P
   2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR2030QMUTAG ONSEMI-NSR2030QMUTAG Datasheet
76Kb / 4P
   Schottky Full Bridge
September, 2015 ??Rev. 0
NSR2030QMUTWG ONSEMI-NSR2030QMUTWG Datasheet
127Kb / 6P
   2A, 30V Schottky Full Bridge
May, 2017 - Rev. 1
More results

Similar Description - NSR2030DMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR2030QMUTWG ONSEMI-NSR2030QMUTWG Datasheet
127Kb / 6P
   2A, 30V Schottky Full Bridge
May, 2017 - Rev. 1
logo
Microsemi Corporation
SG1635 MICROSEMI-SG1635 Datasheet
49Kb / 5P
   2A, HALF-BRIDGE DRIVER
logo
IXYS Corporation
IX2R11 IXYS-IX2R11 Datasheet
616Kb / 6P
   2A Half-Bridge Driver
logo
Monolithic Power System...
MP1909 MPS-MP1909 Datasheet
986Kb / 15P
   30V, 2.2MHz, 2A Half-Bridge Gate Driver in SOT583 Package
Rev. 1.0 7/10/2020
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
   30V/4A Half Bridge Driver
logo
Shindengen Electric Mfg...
D1FP3 SHINDENGEN-D1FP3 Datasheet
569Kb / 8P
   Schottky Rectifiers (SBD) (30V 2A)
logo
STMicroelectronics
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
   30V 3.5A QUAD POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500_06 Datasheet
245Kb / 11P
   30V 3.5A QUAD POWER HALF BRIDGE
logo
Torex Semiconductor
XBS203V19R-G TOREX-XBS203V19R-G Datasheet
109Kb / 4P
   Schottky Barrier Diode, 2A, 30V Type
XBS203V17R-G TOREX-XBS203V17R-G Datasheet
103Kb / 3P
   Schottky Barrier Diode, 2A, 30V Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com