Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR15405NXT5G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSR15405NXT5G
Description  1.5 A, 40 V Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR15405NXT5G Datasheet(HTML) 4 Page - ON Semiconductor

  NSR15405NXT5G Datasheet HTML 1Page - ON Semiconductor NSR15405NXT5G Datasheet HTML 2Page - ON Semiconductor NSR15405NXT5G Datasheet HTML 3Page - ON Semiconductor NSR15405NXT5G Datasheet HTML 4Page - ON Semiconductor NSR15405NXT5G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NSR15405NXT5G
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 5. Forward Voltage
VF, FORWARD VOLTAGE (V)
0.6
0.5
0.4
0.3
0.2
0.1
0
0.1
1
10
100
1000
Figure 6. Leakage Current
VR, REVERSE VOLTAGE (V)
35
30
25
20
15
10
5
0
0.0001
0.001
0.01
0.1
10
100
10K
100K
40
1
1K
−55
°C
−40
°C
25
°C
125
°C
150
°C
90
°C
−55
°C
−40
°C
25
°C
125
°C
150
°C
90
°C
Figure 7. Average Forward Power Dissipation
IF, FORWARD CURRENT (mA)
900
700
600
400
300
200
100
0
0.1
1
10
100
1000
Figure 8. Average Reverse Power Dissipation
VR, REVERSE VOLTAGE (V)
35
30
25
20
15
10
5
0
0.1
1
10
100
1000
Figure 9. Total Capacitance
VR, REVERSE VOLTAGE (V)
35
30
25
20
15
10
5
0
0
20
40
60
80
100
120
140
500
800
1K
40
40
f = 1.0 MHz
0.1
0.2
1.0
0.5
0.8
0.1
0.2
1.0
0.5
0.8
Figure 10. Forward Surge Maximum
Tp, PULSE ON TIME (ms)
100
10
1000
1
0.1
0.01
0.001
0
2
4
8
10
14
16
20
6
12
18
Based on square wave currents
TJ = 25°C prior to surge


Similar Part No. - NSR15405NXT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR15406NXT5G ONSEMI-NSR15406NXT5G Datasheet
62Kb / 5P
   1.5 A, 40 V Schottky Barrier Diode
July, 2016 ??Rev. 0
More results

Similar Description - NSR15405NXT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR15406NXT5G ONSEMI-NSR15406NXT5G Datasheet
62Kb / 5P
   1.5 A, 40 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR15304NXT5G ONSEMI-NSR15304NXT5G Datasheet
63Kb / 5P
   1.5 A, 30 V, Schottky Barrier Diode
July, 2016 ??Rev. 1
NSR20406NXT5G ONSEMI-NSR20406NXT5G Datasheet
62Kb / 5P
   2 A, 40 V Schottky Barrier Diode
July, 2016 ??Rev. 0
logo
Nexperia B.V. All right...
1PS79SB30-Q NEXPERIA-1PS79SB30-Q Datasheet
173Kb / 7P
   40 V, 0.2 A Schottky barrier diode
11 May 2022
logo
ON Semiconductor
NSR10404NXT5G ONSEMI-NSR10404NXT5G Datasheet
63Kb / 5P
   1 A, 40 V, Schottky Barrier Diode
July, 2016 ??Rev. 1
logo
Nexperia B.V. All right...
1PS79SB30 NEXPERIA-1PS79SB30 Datasheet
778Kb / 7P
   40 V, 0.2 A Schottky barrier diode
1 January 2023
PMEG4015EPK NEXPERIA-PMEG4015EPK Datasheet
1Mb / 15P
   40 V, 1.5 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG4015EPK PHILIPS-PMEG4015EPK_15 Datasheet
1Mb / 14P
   40 V, 1.5 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
logo
Nexperia B.V. All right...
PMEG2015EV NEXPERIA-PMEG2015EV Datasheet
185Kb / 8P
   20 V, 1.5 A low VF Schottky barrier diode
28 December 2022
logo
ON Semiconductor
RB751V40T1 ONSEMI-RB751V40T1 Datasheet
44Kb / 4P
   40 V SCHOTTKY BARRIER DIODE
May, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com