Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NTSJ30U80CTG Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NTSJ30U80CTG
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NTSJ30U80CTG Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTSJ30U80CTG
www.onsemi.com
3
TYPICAL CHARACTERISITICS
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
Figure 3. Typical Junction Capacitance
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
100
1.0
0.1
20
VR, REVERSE VOLTAGE (VOLTS)
0.001
0.6
0.8
1.0
40
60
0
0.2
0.4
80
TA = 25°C
TA = 125°C
TA = 150°C
0.01
0.1
TA = 25°C
TA = 125°C
TA = 150°C
1.0
10
100
1.2
0.1
VR, REVERSE VOLTAGE (VOLTS)
10000
1000
100
110
100
TJ = 25°C
10
30
50
70
Figure 4. Current Derating per Leg
0
5
10
15
20
25
30
0
20
40
60
80
100
120
140
TC, CASE TEMPERATURE (°C)
SQUARE WAVE
dc
RqJC = 1.3°C/W
Figure 5. Current Derating, Case
0
5
10
15
20
25
30
35
40
45
50
55
60
0
20
40
60
80
100
120
140
TC, CASE TEMPERATURE (°C)
SQUARE WAVE
dc
RqJC = 1.3°C/W
Figure 6. Forward Power Dissipation
0
5
10
15
20
25
30
0
2
10
12
14
16
18
IF(AV), AVERAGE FORWARD CURRENT (A)
SQUARE
WAVE
dc
TA = 150°C
IPK/IAV = 5
IPK/IAV = 10
IPK/IAV = 20
46
8


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn