Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NTSJ30U80CTG Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NTSJ30U80CTG
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NTSJ30U80CTG Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTSJ30U80CTG
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
80
V
Average Rectified Forward Current
(Rated VR, TC = 125°C)
Per device
Per diode
IF(AV)
30
15
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz, TC = 120°C)
Per device
Per diode
IFRM
60
30
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
160
A
Operating Junction Temperature
TJ
−40 to +150
°C
Storage Temperature
Tstg
−40 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/
ms
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Maximum Thermal Resistance
(insertion mounted to 1 oz FR4 Board)
Junction−to−Case
RqJC
4.0
°C/W
Junction−to−Ambient
RqJA
105
°C/W
1. Junction−to−Case, using large Heatsink attached to device.
2. Junction−to−Ambient, using with no Heatsink.
ELECTRICAL CHARACTERISTICS (Per Leg unless otherwise noted)
Rating
Symbol
Typ
Max
Unit
Maximum Instantaneous Forward Voltage (Note 3)
(IF = 5 A, TJ = 25°C)
(IF = 7.5 A, TJ = 25°C)
(IF = 15 A, TJ = 25°C)
(IF = 5 A, TJ = 125°C)
(IF = 7.5 A, TJ = 125°C)
(IF = 15 A, TJ = 125°C)
vF
0.47
0.52
0.66
0.42
0.48
0.60
0.80
0.65
V
Maximum Instantaneous Reverse Current (Note 3)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 125°C)
IR
15
10
200
35
mA
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle v 2.0%
ORDERING INFORMATION
Device
Package
Shipping
NTSJ30U80CTG
TO−220FP
(Pb−Free)
50 Units / Rail


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn