Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC68EN302 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MC68EN302
Description  Integrated Multiprotocol Processor with Ethernet
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC68EN302 Datasheet(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
MC68EN302 PRODUCT INFORMATION
MOTOROLA
MODULE BUS CONTROLLER
The MC68EN302 module bus controller provides basic interface capabilities to the module bus as well as basic
system responsibilities. The features of the module bus controller are:
• Interface Between Internal 68000 bus and the Module Bus.
• Provision for Dynamic Bus Sizing, Using the Chip Select Logic of the 68302 Core.
• Handling of Interrupts for the Ethernet Controller and DRAM Controller.
• Coordination of Bus Mastership from External Sources, the Module Bus, and the MC68EN302 Core.
Figure 3. BusStructure
DRAM CONTROLLER
• Provides two CAS lines
• Provides two RAS lines (two banks supported)
• DRAM address multiplexing on standard address bus
• Programmable up to three wait states
• 100 nS DRAM for zero wait states at 20 MHz
• 80 nS DRAM for zero wait states at 25 MHz
• CAS before RAS refresh and refresh support during system reset
MC68EN302
MODULE
BUS
CONTROLLER
ETHERNET AND
MODULE BUS
68000 BUS
P
A
D
S
INTERNAL
68000 BUS
EXTERNAL
302 BUS
INTERNAL
B
U
F
F
E
R
S
DRAM CONTROLLER
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn