Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SS-BGA324J-M-01 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part No. SS-BGA324J-M-01
Description  Minimum real estate required
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRONWOOD [Ironwood Electronics.]
Homepage  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA324J-M-01 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SS-BGA324J-M-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA324J-M-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA324J-M-01 Datasheet HTML 3Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Top View
Side View
(Section AA)
49.225mm
[1.938"]
42.60mm
[1.677"]
Assembled 38mm
+ IC thickness
5.11mm [0.201"]
A
A
30.73mm [1.210"]
1
2
6
5
3
PAGE 1 of 3
Recommended PCB Layout Tolerances:
±0.025mm [±0.001”] unless stated otherwise.
Features
Directly mounts to target PCB (needs tooling
holes) with hardware
Minimum real estate required
Compression plate distributes evenly
Clamshell lid
Compression Plate: Black anodized Aluminum.
Thickness = 12 mm.
Compression Screw: Clear anodized Aluminum.
Height = 27 mm, Fluted Knob
Pogo Pin:
Plungers - Hardened Steel/ Gold plated
Barrel - Copper Alloy/ Gold plated
Spring - Stainless Steel/ Gold wire
Pogo Pin Guides: Ultem 1000.
Socket Base: Black anodized Aluminum.
Height = 6 mm.
Clam Shell Lid: Black anodized Aluminum.
Height = 20 mm.
1
Materials:
2
3
4
5
6
7
8
Pogo Pin Guide Screw: Pan head phillips, 18-8
SS,
0-80 thread, 3/16" long.
4
7
Latch: Black anodized Aluminum.
8
Status: Released
Drawing: Jennifer Glab
Scale: 3:1
Rev: A
Date: 10/19/06
Modified:
File: SS-BGA324J-M-01 Dwg
SS-BGA324J-M-01 Drawing
© 2006 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn