Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SS-BGA324J-M-01 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part No. SS-BGA324J-M-01
Description  Minimum real estate required
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRONWOOD [Ironwood Electronics.]
Homepage  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA324J-M-01 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SS-BGA324J-M-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA324J-M-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA324J-M-01 Datasheet HTML 3Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
39.00mm [1.535"]
9.11mm [0.359"]
13.72mm [0.540"]
22.00mm [0.866"]
8.50mm [0.335"]
30.09mm [1.185"]
Pin A1 mark
Top View of Socket Base
All dimensions are in mm.
All tolerences are +/- 0.125mm.
(Unless stated otherwise)
Status: Released
Drawing: Jennifer Glab
Scale: 3:1
Rev: A
Modified:
© 2006 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
PAGE 3 of 3
SS-BGA324J-M-01 Drawing
Date: 10/19/06
File: SS-BGA324J-M-01 Dwg


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn