Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SS-BGA104A-01 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part No. SS-BGA104A-01
Description  Minimum real estate required
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRONWOOD [Ironwood Electronics.]
Homepage  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA104A-01 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SS-BGA104A-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA104A-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA104A-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA104A-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
15.225mm±0.125mm
Socket size
Orientation Mark
Non plated mounting hole
Non plated alignment hole
3.11mm*
2.86mm
0.50mm typ.
5.08mm
2.54mm
12.725mm±0.125mm (x4)
0.28mm Pad
7.00mm
7.00mm
1.250mm±0.125mm (x4)
1.250mm±0.125mm (x4)
Ø 1.610mm±0.050mm (x4)
Ø 0.850mm±0.025mm (x2)
15.475mm±0.125mm
Socket size
PAGE 2 of 4
Recommended PCB Layout Tolerances:
±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
Status: Released
Drawing: H. Hansen
Scale: 3:1
Rev: B
Date: 6/20/05
Modified: 1/3/07
File: SS-BGA104A-01 Dwg
SS-BGA104A-01 Drawing
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
*Note: BGA pattern is not symmetrical
with respect to the mounting holes. It is
offset 0.25mm to the right of center.
All dimensions are in mm.
© 2006 IRONWOOD ELECTRONICS, INC.
11351 Rupp Dr. Suite 400 Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn