Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SS-BGA104A-01 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part No. SS-BGA104A-01
Description  Minimum real estate required
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRONWOOD [Ironwood Electronics.]
Homepage  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA104A-01 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SS-BGA104A-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA104A-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA104A-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA104A-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
37.81mm
[1.489"]
+ IC thickness
Top View
Side View
(Section AA)
30.23mm
[1.190"]
25.48mm [1.003"]
A
A
All Tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
Status: Released
Drawing: H. Hansen
Scale: 1.25:1
Rev: B
Date: 6/20/05
Modified: 1/3/07
File: SS-BGA104A-01 Dwg
SS-BGA104A-01 Drawing
1
2
6
5
3
PAGE 1 of 4
Features
Directly mounts to target PCB (needs tooling
holes) with hardware
Minimum real estate required
Compression plate distributes forces evenly
Clamshell lid
Compression Plate: Black anodized 7075
Aluminum.
Thickness = 8.5 mm.
Compression Screw: Clear anodized 7075
Aluminum.
Height = 25 mm, Fluted Knob
Pogo Pin:
Plungers - Hardened Steel/ Gold plated
Barrel - Copper Alloy/ Gold plated
Spring - Stainless Steel/ Gold wire
Pogo Pin Guides: Ultem 1000.
Socket Base: Black anodized 7075 Aluminum.
Height = 6 mm.
Clam Shell Lid: Black anodized 7075 Aluminum.
Height = 16.5 mm.
Socket Base Screw: Socket Head Cap Screw,
18-8 SS, 0-80 Thread, 5/8" long.
1
Materials:
2
3
4
5
6
7
8
9
Pogo Pin Guide Screw: Pan head phillips, 18-8
SS, 0-80 thread, 3/16" long.
4
7
Latch: Black anodized 7075 Aluminum.
Customer's PCB
8
9
11
10
Backing Plate: Black anodized 7075 Aluminum
Insulation Plate: FR4/G10
11
10
© 2006 IRONWOOD ELECTRONICS, INC.
11351 Rupp Dr. Suite 400 Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn