Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SS-BGA104A-01 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part No. SS-BGA104A-01
Description  Minimum real estate required
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRONWOOD [Ironwood Electronics.]
Homepage  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA104A-01 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SS-BGA104A-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA104A-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA104A-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA104A-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE 4 of 4
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
Status: Released
Drawing: H. Hansen
Scale:
Rev: B
Date: 6/20/05
Modified: 1/3/07
File: SS-BGA104A-01 Dwg
SS-BGA104A-01 Drawing
© 2006 IRONWOOD ELECTRONICS, INC.
11351 Rupp Dr. Suite 400 Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
17.73mm
2.50mm
2.50mm
12.725mm±0.025mm (x4)
4.00mm sqr.
7.94mm
2.00mm
4.00mm
Ø 1.61mm±0.05mm (x4)
1.27mm (x4)
1.59mm
6.35mm
Insulation Plate
Backing Plate
17.73mm
All dimensions are in mm unless stated otherwise
Description: Insulation Plate and Backing Plate
Top View
Side View


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn