Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SS-BGA104A-01 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part No. SS-BGA104A-01
Description  Minimum real estate required
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRONWOOD [Ironwood Electronics.]
Homepage  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA104A-01 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SS-BGA104A-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA104A-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA104A-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA104A-01 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
D
E
Ø b
e
A1
Z
X
Y
0.08 Z
0.10 Z
0.20
3
4
5
Dimensions are in millimeters.
Interpret dimensions and toleraces per ASME
Y14.5M-1994.
Dimension b is measured at the maximum
solder ball diameter, parallel to datum plame Z.
Datum Z (seating plane) is defined by the
spherical crowns of the solder balls.
Parallelism measurement shall exclude any
effect of mark on top surface of package.
1.
2.
DIM
MIN
MAX
A
1.29
A1
0.17
0.27
b
0.35
D
E
e
8.00 BSC
8.00 BSC
0.5 BSC
15 x 15 Array
3
4
5
Ø0.15 M Z X M Y M
Ø0.05 M Z
PAGE 3 of 4
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
Status: Released
Drawing: H. Hansen
Scale:
Rev: B
Date: 6/20/05
Modified: 1/3/07
File: SS-BGA104A-01 Dwg
SS-BGA104A-01 Drawing
© 2006 IRONWOOD ELECTRONICS, INC.
11351 Rupp Dr. Suite 400 Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn