Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SS-BGA456D-01 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part No. SS-BGA456D-01
Description  Minimum real estate required
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRONWOOD [Ironwood Electronics.]
Homepage  http://www.ironwoodelectronics.com
Logo 

SS-BGA456D-01 Datasheet(HTML) 1 Page - Ironwood Electronics.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
All Tolera nce s: ±0.125mm (unless state d
otherwise). Materials and specifica tion s
are subje ct to change without n oti ce.
Status: Released
Drawing: H. Hansen
Scale: 1.25:1
Rev: B
Date: 5/7/04
Modified: 1/21/05
File: SS-BGA456D-01 Dwg
SS-BGA456D-01 Drawing
© 2004 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
1
2
Customer's PCB
6
5
3
PAGE 1 of 4
Features
Directly mounts to target PCB (needs tooling
holes) with hardware
Minimum real estate required
Compression plate distributes evenly
Clamshell lid
Compression Plate: Black anodized 7075 Aluminum.
Thickness = 12 mm.
Compression Screw: Clear anodized 7075 Aluminum.
Height = 27 mm, Fluted Knob
Pogo Pin:
Plungers - Hardened Steel/ Gold plated
Barrel - Copper Alloy/ Gold plated
Spring - Stainless Steel/ Gold wire
Pogo Pin Guides: Ultem 1000.
Socket Base: Black anodized 7075 Aluminum.
Height = 6 mm.
Clam Shell Lid: Black anodized 7075 Aluminum.
Height = 20 mm.
Socket Base Screw: Socket Head Cap Screw, 18-8
SS, 0-80 Thread, 3/4" long.
Backin g Plate: Black anodized 7 075 Aluminum
In sulatio n Plate: FR4/G10
1
Materials:
2
3
4
5
6
7
8
9
Pogo Pin Gu ide Screw: Pan head phillips, 1 8-8 SS,
0-80 thread, 3/1 6" long.
4
8
9
10
7
Latch : Black anod ized 7075 Aluminu m.
10
11
11
Top View
Side View
A
A
(Section AA)
49.225mm
[1.938"]
42.60mm
[1.677"]
Assembled 38mm
+ IC thickness


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn