Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08RG60 Datasheet(PDF) 68 Page - Motorola, Inc

Part # MC9S08RG60
Description  Microcontrollers
Download  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC9S08RG60 Datasheet(HTML) 68 Page - Motorola, Inc

Back Button MC9S08RG60 Datasheet HTML 64Page - Motorola, Inc MC9S08RG60 Datasheet HTML 65Page - Motorola, Inc MC9S08RG60 Datasheet HTML 66Page - Motorola, Inc MC9S08RG60 Datasheet HTML 67Page - Motorola, Inc MC9S08RG60 Datasheet HTML 68Page - Motorola, Inc MC9S08RG60 Datasheet HTML 69Page - Motorola, Inc MC9S08RG60 Datasheet HTML 70Page - Motorola, Inc MC9S08RG60 Datasheet HTML 71Page - Motorola, Inc MC9S08RG60 Datasheet HTML 72Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 232 page
background image
Resets, Interrupts, and System Configuration
MC9S08RC/RD/RE/RG
68
Freescale Semiconductor
COPE — COP Watchdog Enable
This write-once bit defaults to 1 after reset.
1 = COP watchdog timer enabled (force reset on timeout).
0 = COP watchdog timer disabled.
COPT — COP Watchdog Timeout
This write-once bit defaults to 1 after reset.
1 = Long timeout period selected (220 cycles of BUSCLK).
0 = Short timeout period selected (218 cycles of BUSCLK).
STOPE — Stop Mode Enable
This write-once bit defaults to 0 after reset, which disables stop mode. If stop mode is disabled and a
user program attempts to execute a STOP instruction, an illegal opcode reset is forced.
1 = Stop mode enabled.
0 = Stop mode disabled.
BKGDPE — Background Debug Mode Pin Enable
The BKGDPE bit enables the PTD0/BKGD/MS pin to function as BKGD/MS. When the bit is clear,
the pin will function as PTD0, which is an output only general purpose I/O. This pin always defaults
to BKGD/MS function after any reset.
1 = BKGD pin enabled.
0 = BKGD pin disabled.
RSTPE — RESET Pin Enable
The RSTPE bit enables the PTD1/RESET pin to function as RESET. When the bit is clear, the pin will
function as PTD1, which is an output only general purpose I/O. This pin always defaults to RESET
function after any reset.
1 = RESET pin enabled
0 = RESET pin disabled
Bit 7
654321
Bit 0
Read:
COPE
COPT
STOPE
00
BKGDPE
RSTPE
Write:
Reset:
11010011
= Unimplemented or Reserved
Figure 5-5 System Options Register (SOPT)


Similar Part No. - MC9S08RG60

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08RG60 FREESCALE-MC9S08RG60 Datasheet
1Mb / 234P
   Microcontrollers
logo
NXP Semiconductors
MC9S08RG60 NXP-MC9S08RG60 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08RG60 NXP-MC9S08RG60 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08RG60 NXP-MC9S08RG60 Datasheet
6Mb / 352P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08RG60 NXP-MC9S08RG60 Datasheet
778Kb / 35P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Similar Description - MC9S08RG60

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com