Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6043037 Datasheet(PDF) 2 Page - SICK AG

Part # 6043037
Description  TEMPERATURE SENSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6043037 Datasheet(HTML) 2 Page - SICK AG

  6043037 Datasheet HTML 1Page - SICK AG 6043037 Datasheet HTML 2Page - SICK AG 6043037 Datasheet HTML 3Page - SICK AG 6043037 Datasheet HTML 4Page - SICK AG 6043037 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
TBT-1PASE3506GZ | TBT
TEMPERATURE SENSORS
Illustration may differ
Ordering information
Type
Part no.
TBT-1PASE3506GZ
6043037
Other models and accessories
www.sick.com/TBT
Features
Measuring range
–50 °C +150 °C
Sensor element
Pt100
Output signal
Pt100, 4-wire
Performance
Accuracy of sensor element
Class A according to IEC 60751
Transmitter accuracy
≤ ± 0.1 % of span
Transmitter linearity
≤ 0.1 % of span
Response time
Response time t50: ≤ 5.8 s 1)
Response time t90: ≤ 15.5 s 1)
1) Depending on sensor configuration, according to IEC 60751.
Mechanics/electronics
Process connection
Compression fitting G ½ B, stainless steel ferrule
Insertion length/diameter of probe
350 mm / 6 mm
Wetted parts
Stainless steel 1.4571
Pressure resistance
Max. 100 bar with supplied compression fitting with stainless steel ferrule
Housing material
Aluminum
Electrical connection
Cable gland M16 x 1.5, IP65 1)
Measuring current
0.3 mA ... 1 mA
Electrical safety
Protection class: III, dielectric strength: 100 V
Protection class III
CE-conformity
2004/108/EC, EN 61326-2-3
RoHS certificate
Weight
Ca. 155 g (depending on configuration)
Initialization time
< 1 ms
1) IP enclosure rating as per IEC 60529. The enclosure rating classes specified only apply while the device is connected with male cable connectors of the correspond-
ing enclosure rating.
2
FLUID SENSORS | SICK
Online data sheet | 2017-02-01 16:23:10
Subject to change without notice


Similar Part No. - 6043037

ManufacturerPart #DatasheetDescription
logo
SICK AG
6043030 SICK-6043030 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
6043031 SICK-6043031 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
6043032 SICK-6043032 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
6043033 SICK-6043033 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
6043034 SICK-6043034 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
More results

Similar Description - 6043037

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAG13506MZ SICK-TCT-1AAG13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
THTE-1AA540756MZ SICK-THTE-1AA540756MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA541006MZ SICK-THTE-1AA541006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA542006MZ SICK-THTE-1AA542006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AAT12006MZ SICK-THTE-1AAT12006MZ Datasheet
789Kb / 7P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com