Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S181FL-6-PX-2450S Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # S181FL-6-PX-2450S
Description  Minor grammatical fixes
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-6-PX-2450S Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  S181FL-6-PX-2450S Datasheet HTML 1Page - Laird Tech Smart Technology S181FL-6-PX-2450S Datasheet HTML 2Page - Laird Tech Smart Technology S181FL-6-PX-2450S Datasheet HTML 3Page - Laird Tech Smart Technology S181FL-6-PX-2450S Datasheet HTML 4Page - Laird Tech Smart Technology S181FL-6-PX-2450S Datasheet HTML 5Page - Laird Tech Smart Technology S181FL-6-PX-2450S Datasheet HTML 6Page - Laird Tech Smart Technology S181FL-6-PX-2450S Datasheet HTML 7Page - Laird Tech Smart Technology S181FL-6-PX-2450S Datasheet HTML 8Page - Laird Tech Smart Technology S181FL-6-PX-2450S Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
RM024 – RAMP Wireless Module
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/ramp
2
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
REVISION HISTORY
Version
Date
Notes
Approver
1.0
Initial Release
Chris Downey
2.1
Added firmware changes, updated the name of the Force
9600 Pin, removed old references to LT2510 part
numbers, added new information on cyclic sleep and
Antenna Switch Override. Added a table under Max Power
and a table for the Set Max Power command
Chris Downey
2.2
Minor grammatical fixes.
Chris Downey
2.3
27 June 2013
PWM output data was corrected to a 39.3846 µS period
vs. 315.077, as was stated previously.
Chris Downey
2.4
12 July 2013
Minor edits, removed Firmware History and references
irrelevant to RM024.
Chris Downey
2.5
10 Oct 2013
Corrected Antenna Select Override information error.
Changed 0x59 to 0x5B
Chris Downey
3.0
10 Dec 2013
Separated Hardware Integration Guide (HIG) from User
Guide information (created two separate documents).
Add Related Documents section.
Sue White
3.1
10 Jan 2014
Added 10 mW version information.
Chris Downey
3.2
05 Mar 2015
Added section on Reflow Parameters.
Chris Downey
3.3
22 Jan 2016
Update product numbers. Updated antenna information.
Converted to new template. General edits.
N. Zach Hogya
3.4
24 Feb 2016
Updates to antenna information.
Daniel Waters
3.5
10 Aug 2016
Changed from HIG to Datasheet
Updated Receiver Sensitivity numbers
Zach Hogya


Similar Part No. - S181FL-6-PX-2450S

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
S181FL-L-RMM-2450S LSTD-S181FL-L-RMM-2450S Datasheet
2Mb / 40P
   Dual-Mode UART HCI Module
More results

Similar Description - S181FL-6-PX-2450S

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1406261 SILABS-1406261 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1611181 SILABS-1611181 Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1412112 SILABS-1412112 Datasheet
61Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410022 SILABS-1410022 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602262 SILABS-1602262 Datasheet
91Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1406262 SILABS-1406262 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1504011 SILABS-1504011 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1512071 SILABS-1512071 Datasheet
106Kb / 6P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1609012 SILABS-1609012 Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1411061 SILABS-1411061 Datasheet
64Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com