Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKI-5525-I Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EKI-5525-I
Description  5-port Fast Ethernet ProView Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EKI-5525-I Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EKI-5525-I Datasheet HTML 1Page - Advantech Co., Ltd. EKI-5525-I Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Ethernet Solutions
Features
EKI-5525/I
EKI-5528/I
5-port Fast Ethernet ProView Switch
8-port Fast Ethernet ProView Switch
Specifications
Communications
ƒ
Standard
IEEE 802.3, 802.3u, 802.3x, 802.1p, 802.3az
ƒ
LAN
10/100Base-T(X)
ƒ
Transmission Distance Up to 100 m
ƒ
Transmission Speed
Up to 100 Mbps
Interface
ƒ
Connectors
EKI-5525/I: 5 x RJ45
EKI-5528/I: 8 x RJ45
6-pin removable screw terminal (power & relay)
ƒ
LED Indicators
P1, P2, P-Fail, Loop detection
10/100T (X): Link/Activity, Speed
Switch Properties
ƒ
MAC Table Size
EKI-5525/I: 2K
EKI-5528/I: 8K
ƒ
Packet Buffer Size
EKI-5525/I: 1M bit
EKI-5528/I: 128K bit
ƒ
Switching Capacity
EKI-5525/I: 1Gbps
EKI-5528/I: 1.6 Gbps
ƒ
Jumbo Frame
EKI-5525/I: 9216 bytes
EKI-5528/I: 2048 bytes
Power
ƒ
Power Consumption
EKI-5525/I: Max. 2 W
EKI-5528/I: Max.3.6 W
ƒ
Power Input
12~48 VDC (8.4~52.8 VDC), redundant dual inputs
ƒ
Fault Output
1 Relay Output
Mechanism
ƒ
Dimensions (W x H x D) EKI-5525/I: 27 x 120 x 84 mm
EKI-5528/I: 43 x 120 x 84 mm
ƒ
Enclosure
IP30, metal shell with solid mounting kits
ƒ
Mounting
DIN-Rail, Wall
Protection
ƒ
Reverse Polarity
Present
ƒ
Overload Current
Present
Environment
ƒ
Operating Temperature EKI-5525 & EKI-5528: -10~60°C (14~140°F)
EKI-5525I & EKI-5528I: -40~75°C (-40~167°F)
ƒ
Storage Temperature
-40 ~ 85°C (-40 ~ 185°F)
ƒ
Operating Humidity
10 ~ 95% (non-condensing)
ƒ
Storage Humidity
10 ~ 95% (non-condensing)
ƒ
MTBF
EKI-5525/I: 5,168,110 hours
EKI-5528/I: 5,235,270 hours
Certification
ƒ
Safety
IIEC/EN60950, UL60950, UL508, Class 1 Division 2,
ATEX
ƒ
EMI
FCC Part 15 Subpart B Class A, EN 55011/55022
Class A
ƒ
EMS
EN 61000-4-2 (Level 3)
EN 61000-4-3 (Level 3)
EN 61000-4-4 (Level 3)
EN 61000-4-5 (Level 3)
EN 61000-4-6 (Level 3)
EN 61000-4-8 (Level 3)
ƒ
Shock
IEC 60068-2-27
ƒ
Freefall
IEC 60068-2-32
ƒ
Vibration
IEC 60068-2-6
Ordering Information
ƒ
EKI-5525
5-port Fast Ethernet ProView Switch
ƒ
EKI-5525I
5-port Fast Ethernet ProView Switch with Wide
Temperature
ƒ
EKI-5528
8-port Fast Ethernet ProView Switch
ƒ
EKI-5528I
8-port Fast Ethernet ProView Switch with Wide
Temperature
ƒ Communicates with SCADA software via Modbus/TCP
ƒ Communicates with NMS (Networking management system) via SNMP
ƒ Port-based QoS for deterministic data transmission
ƒ -40 ~ 75°C operating temperature range (EKI-5525I and EKI-5528I only)
ƒ 12 ~ 48 VDC (8.4 ~ 52.8 VDC) wide-range power inputEMS level 3 protection for
extreme outdoor environments
ƒ IEEE 802.3az Energy Efficient Ethernet (EEE)
ƒ Jumbo Frame Support
ƒ Supports redundant 12 ~ 48 VDC power input and P-Fail relay
ƒ Loop detection
Introduction
The EKI-5525/I and EKI-5528/I are the world’s first convergence switches for process control and IT networking management. This series uses Modbus/TCP to communicate with the
SCADA software and SNMP to communicate with the NMS (Networking Management System) at the same time, thereby allowing full read control over the devices either for control
engineers or for IT. The devices come with the Port-based QoS for deterministic data transmission allows the priority ports to prioritize the traffic coming over those ports and delay
the less immediately necessary data over the remaining ports. EKI-5525/I and EKI-5528/I switches use the highest quality components, to enable the range to operate in temperatures
of between -40 and 75°C along with EMS Level 3 protection to repel electromagnetic interface for industrial resistance.
EKI-5525/I
EKI-5528/I
RoHS
COMPLIANT
2011/65/EU
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - EKI-5525-I

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-5525 ADVANTECH-EKI-5525 Datasheet
444Kb / 2P
   5-port Fast Ethernet ProView Switch
EKI-5525I ADVANTECH-EKI-5525I Datasheet
444Kb / 2P
   5-port Fast Ethernet ProView Switch
EKI-5525I-AE ADVANTECH-EKI-5525I-AE Datasheet
444Kb / 2P
   8-port Fast Ethernet ProView Switch
EKI-5525M ADVANTECH-EKI-5525M Datasheet
738Kb / 3P
   4-port 1x100FX port (Single/Multi-mode,SC/ST type), Fast Ethernet ProView Switch
EKI-5525M-AE ADVANTECH-EKI-5525M-AE Datasheet
738Kb / 3P
   4-port 1x100FX port (Single/Multi-mode, SC/ST type), Fast Ethernet ProView Switch
More results

Similar Description - EKI-5525-I

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-5525 ADVANTECH-EKI-5525_15 Datasheet
444Kb / 2P
   5-port Fast Ethernet ProView Switch
EKI-5528I-MB-AE ADVANTECH-EKI-5528I-MB-AE Datasheet
444Kb / 2P
   8-port Fast Ethernet ProView Switch
EKI-5528-MB-AE ADVANTECH-EKI-5528-MB-AE Datasheet
444Kb / 2P
   8-port Fast Ethernet ProView Switch
EKI-5526I-MB-AE ADVANTECH-EKI-5526I-MB-AE Datasheet
496Kb / 2P
   16-port Fast Ethernet ProView Switch
EKI-5725I-AE ADVANTECH-EKI-5725I-AE Datasheet
443Kb / 2P
   5-port Gigabit Ethernet ProView Switch
EKI-5725 ADVANTECH-EKI-5725 Datasheet
538Kb / 2P
   5-Port Gigabit Ethernet ProView Switch
21-Aug-2020
EKI-5526I-EI-AE ADVANTECH-EKI-5526I-EI-AE Datasheet
496Kb / 2P
   16-port Fast Ethernet ProView Switch
EKI-5528-AE ADVANTECH-EKI-5528-AE Datasheet
444Kb / 2P
   8-port Fast Ethernet ProView Switch
EKI-5528-EI-AE ADVANTECH-EKI-5528-EI-AE Datasheet
444Kb / 2P
   8-port Fast Ethernet ProView Switch
EKI-5526 ADVANTECH-EKI-5526 Datasheet
445Kb / 2P
   16-port Fast Ethernet ProView Switch
16-Aug-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com