Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-82C37 Datasheet(PDF) 4 Page - Harris Corporation

Part No. HS-82C37
Description  Radiation Hardened CMOS High Performance Programmable DMA Controller
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HARRIS [Harris Corporation]
Homepage  http://www.harris.com
Logo HARRIS - Harris Corporation

HS-82C37 Datasheet(HTML) 4 Page - Harris Corporation

  HS-82C37 Datasheet HTML 1Page - Harris Corporation HS-82C37 Datasheet HTML 2Page - Harris Corporation HS-82C37 Datasheet HTML 3Page - Harris Corporation HS-82C37 Datasheet HTML 4Page - Harris Corporation HS-82C37 Datasheet HTML 5Page - Harris Corporation HS-82C37 Datasheet HTML 6Page - Harris Corporation HS-82C37 Datasheet HTML 7Page - Harris Corporation HS-82C37 Datasheet HTML 8Page - Harris Corporation HS-82C37 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
HS-82C37ARH
A4-A7
37-40
O
Address: The four most significant address lines are three-state outputs and provide 4 bits of address.
These lines are enabled only during the Active cycle.
HRQ
10
O
Hold Request: The Hold Request (HRQ) output is used to request control of the system bus. When a
DREQ occurs and the corresponding mask bit is clear, or a software DMA request is made, the HS-
82C37ARH issues HRQ. The HLDA signal then informs the controller when access to the system bus-
ses is permitted. For stand-alone operation where the HS-82C37ARH always controls the busses, HRQ
may be tied to HLDA. This will result in one S0 state before the transfer.
DACK0-
DACK3
14,15, 24,
25
O
DMA Acknowledge: DMA acknowledge is used to notify the individual peripherals when one has been
granted a DMA cycle. The sense of these lines is programmable. Reset initializes them to active low.
AEN
9
O
Address Enable: Address Enable enables the 8-bit latch containing the upper 8 address bits onto the
system address bus. AEN can also be used to disable other system bus drivers during DMA transfers.
AEN is active HIGH.
ADSTB
8
O
Address Strobe: This is an active high signal used to control latching of the upper address byte. It will
drive directly the strobe input of external transparent octal latches, such as the 82C82. During block op-
erations, ADSTB will only be issued when the upper address byte must be updated, thus speeding op-
eration through elimination of S1 states. (See Note 2).
MEMR
3
O
Memory Read: The Memory Read signal is an active low three-state output used to access data from
the selected memory location during a DMA Read or a Memory-to-Memory transfer.
MEMW
4
O
Memory Write: The Memory Write is an active low three-state output used to write data to the selected
memory location during a DMA Write or a Memory-to-Memory transfer.
NC
5
No connect. Pin 5 is open and should not be tested for continuity.
Pin Descriptions (Continued)
SYMBOL
PIN
NUMBER
TYPE
DESCRIPTION
Spec Number
518058


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn