Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-82C37 Datasheet(PDF) 7 Page - Harris Corporation

Part # HS-82C37
Description  Radiation Hardened CMOS High Performance Programmable DMA Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HS-82C37 Datasheet(HTML) 7 Page - Harris Corporation

Back Button HS-82C37 Datasheet HTML 3Page - Harris Corporation HS-82C37 Datasheet HTML 4Page - Harris Corporation HS-82C37 Datasheet HTML 5Page - Harris Corporation HS-82C37 Datasheet HTML 6Page - Harris Corporation HS-82C37 Datasheet HTML 7Page - Harris Corporation HS-82C37 Datasheet HTML 8Page - Harris Corporation HS-82C37 Datasheet HTML 9Page - Harris Corporation HS-82C37 Datasheet HTML 10Page - Harris Corporation HS-82C37 Datasheet HTML 11Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
Specifications HS-82C37ARH
DMA (MASTER) MODE (Continued)
DB Float to Active Delay from
CLK HIGH
TCHDV
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
-
110
ns
HLDA Valid to CLK HIGH Setup
Time
TRAVCH
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
75
-
ns
Input Data from MEMR HIGH
Hold Time
TMRHDX
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
0
ns
Input Data to MEMR HIGH
Setup Time
TDVMRH
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
155
ns
Output Data from MEMW HIGH
HOLD Time
TMWHDZ
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
15
ns
Output Data Valid to MEMW
HIGH
TDVMWH
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
TCLCL-
35
-ns
DREQ to CLK LOW (SI, S4)
Setup Time
TDQVCL
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
0
-
ns
CLK LOW to READY Hold Time
TCLRYX
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
20
-
ns
READY to CLK LOW Setup
Time
TRYVCL
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
60
-
ns
ADSTB HIGH from CLK LOW
Delay Time
TCLSH
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
-
80
ns
ADSTB LOW from CLK LOW
Delay Time
TCLSL
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
-
120
ns
READ HIGH Delay from WRITE
HIGH
TWHRH
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
0
-
ns
READ Pulse Width, Normal
Timing
TRLRH1
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
2TCLCL
-50
-ns
ADSTB Pulse Width
TSHSL
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
TCLCL -
80
-ns
Extended WRITE Pulse Width
TWLWH1
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
2TCLCL
-100
-ns
WRITE Pulse Width
TWLWH2
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
TCLCL -
100
-ns
READ Pulse Width,
Compressed
TRLRH2
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
TCLCL -
50
-ns
PERIPHERAL (SLAVE) MODE
ADR Valid or CS LOW to IOR
LOW
TAVIRL
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
10
-
ns
ADR Valid or CS LOW to IOW
LOW Setup Time 0
TAVIWL
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
0
-
ns
Data Valid to IOW HIGH Setup
Time
TDVIWH
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
150
-
ns
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
VCC = +5V
±10%, GND = 0V, AC’s Tested at Worst Case VDD, Guaranteed Over Full Operating Range.
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
SUBGROUP
LIMITS
UNITS
MIN
MAX
Spec Number
518058


Similar Part No. - HS-82C37

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
More results

Similar Description - HS-82C37

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Harris Corporation
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
   CMOS High Performance Programmable DMA Controller
March 1997
82C37A INTERSIL-82C37A Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
   HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
   Radiation Hardened CMOS Programmable Interval Timer
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
   Radiation Hardened CMOS Programmable Peripheral Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com