Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLY02.100 Datasheet(PDF) 1 Page - PULS GmbH

Part # MLY02.100
Description  DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

MLY02.100 Datasheet(HTML) 1 Page - PULS GmbH

  MLY02.100 Datasheet HTML 1Page - PULS GmbH MLY02.100 Datasheet HTML 2Page - PULS GmbH MLY02.100 Datasheet HTML 3Page - PULS GmbH MLY02.100 Datasheet HTML 4Page - PULS GmbH MLY02.100 Datasheet HTML 5Page - PULS GmbH MLY02.100 Datasheet HTML 6Page - PULS GmbH MLY02.100 Datasheet HTML 7Page - PULS GmbH MLY02.100 Datasheet HTML 8Page - PULS GmbH MLY02.100 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MLY02.100
MiniLine
MLY-Series
DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
REDUNDANCY MODULE
Cost Effective Solution to Build Redundant Systems
Dual Input with Single Output
Two Diodes (Common Cathode)
DC12-48V (120Vdc) ±25% Wide-range Input
Full Power Between -40°C and +60°C
Compact Design, Width only 45mm
Quick-connect Spring-clamp Terminals
Easy Wiring:
Distribution Terminal for Negative Pole Included
3 Year Warranty
1/16
GENERAL DESCRIPTION
The MLY02.100 is a simple is a redundancy module,
which can be used to build 1+1 and N+1 redundant
systems. It is equipped with two input channels, which
can be connected to power supplies with up to 5A
output current and one output, which can carry
nominal currents up to 10A. The module is suitable for
power supplies with constant current overload behavior
as well as any kind of “Hiccup” overload behavior.
Unique quick-connect spring-clamp terminals allow a
safe and fast installation and a large international
approval package for a variety of applications makes
this unit suitable for nearly every situation.
SHORT-FORM DATA
Input voltage
DC 12-48V ±25%
DC 12-120V ±25%
w/o restrictions
with restrictions
Input voltage
range
9-60Vdc
9-150Vdc
w/o restrictions
with restrictions
Input current
2x 0-5A
continuous
2x 0-8A
for 5 seconds
Output current
0-10A
continuous
10-16A
for 5 seconds
<16A
at cont. overload/
short circuit
Input to output
voltage drop
typ. 0.8V
typ. 0.9V
typ. 0.9V
input: 2x2.5A
input: 1x5A
input: 2x5A
Power losses
typ. 0W
at no load
typ. 4.0W
input: 2x2.5A
typ. 4.5W
input: 1x5A
typ. 9.0W
input: 2x5A
Temperature range -40°C to +70°C
operational,
Derating
0.25A/°C
+60 to +70°C
Dimensions
45x75x91mm
WxHxD
ORDER NUMBERS
Redundancy
MLY02.100
12-48V (120V)
Module
Standard unit
Accessory
--
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
Class I Div 2
IECEx
ATEX
II 3G Ex nA IIC T4 Gc
Marine
EMC, LVD
Apr. 2014 / Rev. 1.3 DS-MLY02.100-EN
All parameters are specified at 24V, 10A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - MLY02.100

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
MLY10.241 PULS-MLY10.241 Datasheet
421Kb / 16P
   DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
More results

Similar Description - MLY02.100

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
MLY10.241 PULS-MLY10.241 Datasheet
421Kb / 16P
   DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
YRM2.DIODE PULS-YRM2.DIODE Datasheet
537Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.241 PULS-YR40.241 Datasheet
522Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.241 PULS-YR80.241 Datasheet
507Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.242 PULS-YR80.242 Datasheet
504Kb / 17P
   DUAL REDUNDANCY MODULE
YR2.DIODE PULS-YR2.DIODE Datasheet
542Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.482 PULS-YR40.482 Datasheet
471Kb / 17P
   DUAL REDUNDANCY MODULE
YR40.242 PULS-YR40.242 Datasheet
473Kb / 17P
   DUAL REDUNDANCY MODULE
YR20.246 PULS-YR20.246 Datasheet
561Kb / 19P
   24-28V, 20A, DUAL REDUNDANCY MODULE
YR20.242 PULS-YR20.242 Datasheet
508Kb / 17P
   12-28V, 20A, DUAL REDUNDANCY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com