Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLY02.100 Datasheet(PDF) 7 Page - PULS GmbH

Part # MLY02.100
Description  DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

MLY02.100 Datasheet(HTML) 7 Page - PULS GmbH

Back Button MLY02.100 Datasheet HTML 3Page - PULS GmbH MLY02.100 Datasheet HTML 4Page - PULS GmbH MLY02.100 Datasheet HTML 5Page - PULS GmbH MLY02.100 Datasheet HTML 6Page - PULS GmbH MLY02.100 Datasheet HTML 7Page - PULS GmbH MLY02.100 Datasheet HTML 8Page - PULS GmbH MLY02.100 Datasheet HTML 9Page - PULS GmbH MLY02.100 Datasheet HTML 10Page - PULS GmbH MLY02.100 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MLY02.100
MiniLine
MLY-Series
DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
6. TERMINALS AND WIRING
Input and output
Type
Bi-stable, quick-connect spring clamp terminals.
IP20 Finger safe construction.
Suitable for field- and factory installation.
Solid wire
0.3-4mm2
Stranded wire
0.3-2.5mm2
American Wire Gauge
26-12 AWG
Max. wire diameter
2.8mm (including ferrule)
Wire stripping length
6mm / 0.25inch
Pull-out force
10AWG:80N, 12AWG:60N, 14AWG:50N,
16AWG:40N (according to UL486E)
Terminals shipped in open
position.
Fig. 6-1 Connecting a wire
Instructions:
a) Use appropriate copper cables that are designed for
minimum operating temperatures of:
60°C for ambient up to 45°C and
75°C for ambient up to 60°C and
90°C for ambient up to 70°C minimum.
b) Follow national installation codes and installation
regulations!
c) Ensure that all strands of a stranded wire enter the terminal
connection!
d) Ferrules are allowed, but not required.
e) Do not connect or disconnect the wires from the terminals
below -25°C (-13°F).
Apr. 2014 / Rev. 1.3 DS-MLY02.100-EN
All parameters are specified at 24V, 10A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
7/16


Similar Part No. - MLY02.100

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
MLY10.241 PULS-MLY10.241 Datasheet
421Kb / 16P
   DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
More results

Similar Description - MLY02.100

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
MLY10.241 PULS-MLY10.241 Datasheet
421Kb / 16P
   DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
YRM2.DIODE PULS-YRM2.DIODE Datasheet
537Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.241 PULS-YR40.241 Datasheet
522Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.241 PULS-YR80.241 Datasheet
507Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.242 PULS-YR80.242 Datasheet
504Kb / 17P
   DUAL REDUNDANCY MODULE
YR2.DIODE PULS-YR2.DIODE Datasheet
542Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.482 PULS-YR40.482 Datasheet
471Kb / 17P
   DUAL REDUNDANCY MODULE
YR40.242 PULS-YR40.242 Datasheet
473Kb / 17P
   DUAL REDUNDANCY MODULE
YR20.246 PULS-YR20.246 Datasheet
561Kb / 19P
   24-28V, 20A, DUAL REDUNDANCY MODULE
YR20.242 PULS-YR20.242 Datasheet
508Kb / 17P
   12-28V, 20A, DUAL REDUNDANCY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com