Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1084 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # GS1084
Description  5A Low Dropout Positive Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1084 Datasheet(HTML) 6 Page - Vishay Siliconix

  GS1084 Datasheet HTML 1Page - Vishay Siliconix GS1084 Datasheet HTML 2Page - Vishay Siliconix GS1084 Datasheet HTML 3Page - Vishay Siliconix GS1084 Datasheet HTML 4Page - Vishay Siliconix GS1084 Datasheet HTML 5Page - Vishay Siliconix GS1084 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GS1084
Vishay
formerly General Semiconductor
www.vishay.com
Document Number 74800
6
26-Mar-02
Dimensions in millimeters
9.65
10.29
8.63
9.66
14.60
15.88
1
23
4.06
4.83
1.14
1.40
0.7 (max.)
2.28
2.80
0.50
1.00
1.14
1.40
2.54 (TYP.)
1.40 (max.)
TO-263 Case Outline
10.66
9.66
6.35 Max.
3.42
2.54
4.08
3.54
6.85
5.85
16.51
14.23
14.73
12.70
1.77
1.15
1.01
0.38
2.79
2.29
(with plating)
4.82
3.56
1.39
0.51
1.14
0.31
2.92
2.04
(with plating)
TO-252 (DPAK)
5.59
5.33
10.42
9.40
5.46
5.21
6.73
6.35
0.58
0.46
2.38
2.19
2.28 (TYP.)
0.88
0.64
1
3
2
1.27
1.02
0.51 (min.)
TO-220 Case Outline
Case Outlines


Similar Part No. - GS1084

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1085 VISHAY-GS1085 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
GS1085CE1.8 VISHAY-GS1085CE1.8 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
GS1085CE2.5 VISHAY-GS1085CE2.5 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
GS1085CE3.3 VISHAY-GS1085CE3.3 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
GS1085CM1.8 VISHAY-GS1085CM1.8 Datasheet
75Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
24-May-02
More results

Similar Description - GS1084

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
   5A Low Dropout Positive Adjustable Regulator
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
UNISEM
US1050 UNISEM-US1050 Datasheet
52Kb / 7P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084 LINER-RH1084 Datasheet
62Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084_10 Datasheet
155Kb / 11P
   5A LOW DROPOUT POSITIVE ADJUSTABLE
AP1084 Rev. 9
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com