Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S181FL-L-RMM-2450S Datasheet(PDF) 7 Page - Laird Tech Smart Technology

Part # S181FL-L-RMM-2450S
Description  Dual-Mode UART HCI Module
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S181FL-L-RMM-2450S Datasheet(HTML) 7 Page - Laird Tech Smart Technology

Back Button S181FL-L-RMM-2450S Datasheet HTML 3Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 4Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 5Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 6Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 7Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 8Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 9Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 10Page - Laird Tech Smart Technology S181FL-L-RMM-2450S Datasheet HTML 11Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
BT830
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
7
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
SPECIFICATIONS
Table 1: BT830 specifications
Categories
Feature
Implementation
Wireless
Specification
Bluetooth®
V4.0 Dual Mode
Frequency
2.402 - 2.480 GHz
Maximum Transmit
Power
Class 1
+7 dBm from antenna
Receive Sensitivity
-89 dBm
Range
Circa 100 meters
Data Rates
Up to 3 Mbps (over the air)
Host Interface
UART
RX, TX, CTS, RTS
GPIO
Six configurable lines
(1.8V/3.3V configurable by VDD_PADS)
Operational Modes
HCI
Host Controller Interface over UART
Coexistence
802.11 (Wi-Fi)
3 wire CSR schemes supported
(Unity-3 and Unity-3e)
Supply Voltage
Supply
3.3V +/-10%
Note: See Implementation Note for details on different DC
power selections on the BT830.
Power Consumption
Current
Idle Mode ~4.3 mA (Master; ACL link; No traffic)
File Transfer ~7.1 mA (Master; ACL link; Transmit)
Antenna Option
Internal (BT830-SA)
External (BT830-ST)
Multilayer ceramic antenna with up to 40% efficiency.
SMT pad for external antenna
Physical
Dimensions
8.5 x 13 x 1.6 mm (BT830 - module)
Environmental
Operating
-30°C to +85°C
Storage
-40°C to +85°C
Miscellaneous
Lead Free
Lead-free and RoHS compliant
Warranty
1-Year Warranty
Approvals
Bluetooth®
Hardware Controller Subsystem Approved
FCC / IC / CE
All BT830 series (BT830-SA; BT830-ST)


Similar Part No. - S181FL-L-RMM-2450S

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
S181FL-6-PX-2450S LSTD-S181FL-6-PX-2450S Datasheet
1Mb / 21P
   Minor grammatical fixes
More results

Similar Description - S181FL-L-RMM-2450S

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
BT800 LSTD-BT800 Datasheet
2Mb / 39P
   Dual-Mode USB HCI Module
BT850 LSTD-BT850 Datasheet
2Mb / 34P
   Bluetooth v5 Dual-Mode USB HCI Module
logo
List of Unclassifed Man...
WT21 ETC2-WT21_13 Datasheet
1Mb / 57P
   BLUETOOTH HCI MODULE
logo
Panasonic Semiconductor
PAN1315 PANASONIC-PAN1315 Datasheet
639Kb / 2P
   BLUETOOTH HCI MODULE
logo
Mitsumi Electronics, Co...
WML-C95 MITSUMI-WML-C95 Datasheet
76Kb / 2P
   Bluetooth짰 HCI Module
logo
Motorola, Inc
MCF5307TR MOTOROLA-MCF5307TR Datasheet
53Kb / 16P
   UART MODULE
logo
Panasonic Semiconductor
PAN1310-HCI-2.1 PANASONIC-PAN1310-HCI-2.1 Datasheet
358Kb / 2P
   Bluetooth V2.1 HCI Module
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
Texas Instruments
TL16C752CI-Q1 TI1-TL16C752CI-Q1_16 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com