Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SB3157P6X Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # NC7SB3157P6X
Description  TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SB3157P6X Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button NC7SB3157P6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SB3157P6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SB3157P6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SB3157P6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SB3157P6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SB3157P6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SB3157P6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SB3157P6X Datasheet HTML 9Page - Fairchild Semiconductor NC7SB3157P6X Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted
6-Lead SC70, EIAJ SC88, 1.25mm Wide
Package Number MAA06A


Similar Part No. - NC7SB3157P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SB3157P6X FAIRCHILD-NC7SB3157P6X Datasheet
548Kb / 14P
   TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
NC7SB3157P6X FAIRCHILD-NC7SB3157P6X Datasheet
1Mb / 11P
   Low-Voltage SPDT Analog Switch or 2:1Multiplexer / De-multiplexer Bus Switch
logo
ON Semiconductor
NC7SB3157P6X ONSEMI-NC7SB3157P6X Datasheet
1Mb / 11P
   Low-Voltage SPDT Analog Switch or 2:1Multiplexer De-multiplexer Bus Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7SB3157P6X-NL FAIRCHILD-NC7SB3157P6X-NL Datasheet
548Kb / 14P
   TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
More results

Similar Description - NC7SB3157P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
NC7SB3157 FAIRCHILD-NC7SB3157 Datasheet
548Kb / 14P
   TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
NC7SB3257 FAIRCHILD-NC7SB3257 Datasheet
138Kb / 7P
   TinyLogic. UHS Single 2-to-1 Multiplexer/Demultiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B Datasheet
559Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B_12 Datasheet
486Kb / 11P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
logo
ON Semiconductor
NC7SBU3157 ONSEMI-NC7SBU3157 Datasheet
522Kb / 12P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
June 2009 Rev. 1.0.5
logo
Fairchild Semiconductor
NC7SBU3157 FAIRCHILD-NC7SBU3157_08 Datasheet
845Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
logo
Vishay Siliconix
DG3157 VISHAY-DG3157 Datasheet
82Kb / 6P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. A, 15-Dec-03
DG3157 VISHAY-DG3157_08 Datasheet
103Kb / 7P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. C, 30-Apr-07
logo
ON Semiconductor
NC7SB3157 ONSEMI-NC7SB3157 Datasheet
1Mb / 11P
   Low-Voltage SPDT Analog Switch or 2:1Multiplexer De-multiplexer Bus Switch
October-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com