Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML60.242 Datasheet(PDF) 16 Page - PULS GmbH

Part # ML60.242
Description  24V, 2.5A, SINGLE PHASE INPUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML60.242 Datasheet(HTML) 16 Page - PULS GmbH

Back Button ML60.242 Datasheet HTML 12Page - PULS GmbH ML60.242 Datasheet HTML 13Page - PULS GmbH ML60.242 Datasheet HTML 14Page - PULS GmbH ML60.242 Datasheet HTML 15Page - PULS GmbH ML60.242 Datasheet HTML 16Page - PULS GmbH ML60.242 Datasheet HTML 17Page - PULS GmbH ML60.242 Datasheet HTML 18Page - PULS GmbH ML60.242 Datasheet HTML 19Page - PULS GmbH ML60.242 Datasheet HTML 20Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ML60.242
MiniLine-2
24V, 2.5A, SINGLE PHASE INPUT
20. PHYSICAL DIMENSIONS AND WEIGHT
Weight
250g / 0.55lb
DIN-Rail
Use 35mm DIN-rails according to EN 60715 or EN 50022 with a height of 7.5 or 15mm.
The DIN-rail height must be added to the unit depth (91mm) to calculate the total required
installation depth.
Installation Clearances
See chapter 2
Fig. 20-1 Front view
Fig. 20-2 Side view
Nov. 2015 / Rev. 1.4 DS--ML60.242-EN
All parameters are specified at 24V, 2.5A, 230Vac 50Hz input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
16/23


Similar Part No. - ML60.242

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML60.241 PULS-ML60.241 Datasheet
661Kb / 23P
   24V, 2.5A, SINGLE PHASE INPUT
More results

Similar Description - ML60.242

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML60.241 PULS-ML60.241 Datasheet
661Kb / 23P
   24V, 2.5A, SINGLE PHASE INPUT
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
   24V, 3.4A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
   24V, 10A, SINGLE PHASE INPUT
CP20.241-R1 PULS-CP20.241-R1 Datasheet
827Kb / 30P
   24V, 20A, SINGLE PHASE INPUT
PIC480.241C PULS-PIC480.241C Datasheet
555Kb / 21P
   24V, 20A, SINGLE PHASE INPUT
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
   24V, 10A, SINGLE PHASE INPUT
PIC240.241D PULS-PIC240.241D Datasheet
549Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
PIC240.241C PULS-PIC240.241C Datasheet
507Kb / 21P
   24V, 10A, SINGLE PHASE INPUT
QS40.244 PULS-QS40.244 Datasheet
855Kb / 28P
   24V, 40A, SINGLE PHASE INPUT
QS40.241 PULS-QS40.241 Datasheet
827Kb / 28P
   24V, 40A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com