Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML100.102 Datasheet(PDF) 2 Page - PULS GmbH

Part # ML100.102
Description  DC 12-15V / 90W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML100.102 Datasheet(HTML) 2 Page - PULS GmbH

  ML100.102 Datasheet HTML 1Page - PULS GmbH ML100.102 Datasheet HTML 2Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input
Input voltage
AC 100-120/220-240V (Auto Select), 47...63 Hz
(AC 85...132V / AC 184...264V,
DC 220...375V, N= + and L= - )
Input current
<1.9A (@ AC 100Vin, 90W Pout)
<0.9A (@ AC 220Vin, 90W Pout)
External fusing
not required, unit provides internal fuse
(T3A15H, not accessible)
Transient immunity
Transient resistance acc. to VDE 0160 / W2
(750V/ 1.3 ms), over entire load range
Hold-up time
(see diagram below)
>40 ms @ AC 230V, 12V / 7.5A
>20 ms @ AC 196V, 12V / 7.5A
>20 ms @ AC 100V, 12V / 7.5A
Efficiency, Reliability
Efficiency
Losses
>88.5%
(AC 230V, 12V / 7.5A)
(see also diagram below)
<11.7W
(AC 230V, 12V / 7.5A)
MTBF (Reliability)
appr. 500.000 h acc. to Siemensnorm SN 29500
(12V / 7.5A, AC 230V, Tamb = +40 °C)
Prior to shipment, every unit undergoes the following tests in order to
isolate any defective units which might suffer an early failure:
• Run-in / burn-in (Full load, Tamb = +60°C, on/off cycle)
• Functional test (100 %)
Construction, Mechanics, Installation
Robust plastic housing (US Patent No. D442, 923S), fine ventilation grid
on three housing sides to keep out small parts (e.g. screws), IP20
Dimensions and weight
• W x H x D
•Weight
73 mm x 75 mm x 103 mm (+ DIN rail)
Depth incl. terminals: 98 mm (+ DIN rail)
360 g
Mounting orientation
,
or
(cf. ’Output’)
Ventilation/Cooling
• Free space f. cooling
Normal convection, no fan required
recom'd.: 25 mm on sides with ventilation grid
Easy snap-on mounting onto the DIN-rail (TS35/7,5 or TS35/15).
Unit sits safely and firmly on the rail; no tools required even to remove
Connection
by Spring Clamp terminals; uniformly firm hold,
vibration-resistant and maintenance-free:
2 terminals per output
Connector size range
• flexible cable
• solid cable
• Wire strip length
0.3-2.5mm2 (28-12 AWG)
0.3-4mm2 (28-12 AWG)
Ferrules admissible
6mm (0.24in) recommended
Diagrams
0
2
4
6
8
10
12
14
16
01
2345
678
9
10
Vin=AC115/230V
SingleUse
Vin=AC115/230V
Parallel Use
0,0
20,0
40,0
60,0
80,0
100,0
120,0
140,0
160,0
180,0
80 100 120 140 160 180 200 220 240 260 280
Pout = 90W,typ.
Pout = 90W, min.
Pout = 45W, typ.
Pout = 45W, min.
0
10
20
30
40
50
60
70
80
90
100
-1 0 0
10 20 30 40 50 60 70
75
77
79
81
83
85
87
89
91
2,0 2,5
3,0 3,5 4,0
4,5 5,0
5,5 6,0 6,5
7,0 7,5
230Vac
115Vac
Output characteristic Vout/Iout
(min.)
Efficiency
Hold-up time with ACin
(@ Vout = 12V, typ.)
(at Vout = 12V, typ. + min.)
Derating
of output power
Mounting
85-132 V ACin A-a A-b A-b
184-264 V ACin A-a A-b A-b
220-375 V DCin A-a A-b A-b
a
b
A
Output current lout [A]
Output current lout [A]
Ambient temperature [°C]
Input voltage VACin[V]
Output
Output voltage
• preset
DC 12-15V (adj. by front panel potentiometer)
12V ± 0.5% @ 7.5A
Voltage regulation
stat. <1.5% Vout (Jumper in pos. 'Single Use')
stat. <3% Vout (Jumper in pos. 'Parallel Use'),
dyn. ±2.5% Vout over all
Ripple/Noise
<50mVPP (20 MHz bandw., 50 Ω measurement)
Overvoltage prot. (OVP) <18.5V
Rated continuous
loading
up to 7.5A @ 12V/6A @ 15V (convection cooling),
depending on built-in orientation, Vin and Tamb
For details see derating diagram below
Overload behaviour
Straight V/I characteristic (depending on Vin);
details see diagr. 'output characteristic' below
Protection
Unit is protected against (also permanent) short-
circuit, overload and open-circuit.
Derating
depending on built-in orientation;
see diagram below
Parallel operation
yes (selectable by front panel jumper)
Power back immunity
25V
Operating indicator
Green LED
Environmental Data, EMC, Safety
Ambient temperature range (measured 25 mm below unit)
• storage/transport
• operation
-25°C ... +85°C
-10°C ... +70°C (for derating see diagram below)
Humidity
max. 95% (without condensation)
Electromagnetic
emissions (EME)
EN 61000-6-3 (includes EN 61000-6-4)
Class B (EN 55011, EN 55022)
EN 61000-3-2 (PFC)
Electromagnetic
immunity (EMI)
EN 61000-6-2 (includes EN 61000-6-1)
Safe low voltage:
Prot. class/degree:
SELV (EN 60950, VDE0100/T.410), PELV (EN 50178)
Class 1 (EN 60950) / IP20 (EN 60529)
The PSU complies with all major safety approvals for EU (EN 60 950,
EN 60204-1, EN 50178), USA (UL 60950, E137006, UL508 LISTED, E198865),
Canada (CAN/CSA-C22.2 No 60950 [CUR], CAN/CSA-C22.2 No. 14 [CUL]),
CB Scheme (IEC 60950). Hazardous Location Class I Div. 2 (UL 1604)
Design details – for your advantage:
• All terminals are easy to reach as mounted on the front panel.
• Input and output are strictly apart from each other (input below, out-
put above) and so cannot be mixed up.
• Mounting and connection do not require any screwdriver
→ Easy, quick, durable and reliable installation.
Technical Data ML100.102
Product information (ML100e102), Rev.: 29. June 2004. Unless otherwise stated, specifications are valid for AC 230V input voltage, +25°C ambient temperature, and 5 min. run-in time. They
are subject to change without prior notice.
PULS GmbH, Arabellastraße 15, D-81925 München
Tel: +49.(0)89.9278-244, Fax: +49.(0)89.9278-299, E-Mail: sales@puls-power.com
www.puls-power.com
Spri
ng C
lam
ps


Similar Part No. - ML100.102

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML100.100 PULS-ML100.100 Datasheet
212Kb / 2P
   DC 24-28V / 100W
logo
Red Lion Controls. Inc
ML100.105 REDLION-ML100.105 Datasheet
195Kb / 2P
   MiniLine with DC 48-56V / 100W
logo
PULS GmbH
ML100.105 PULS-ML100.105 Datasheet
209Kb / 2P
   DC 48-56V / 100W
More results

Similar Description - ML100.102

ManufacturerPart #DatasheetDescription
logo
Ningbo Leison Motor Co....
LS-Z5D90-5GU NINGBO-LS-Z5D90-5GU Datasheet
778Kb / 1P
   DC Motor 90W
logo
List of Unclassifed Man...
BL090-H03-G ETC2-BL090-H03-G Datasheet
222Kb / 4P
   42mm Brushless DC Motor, 90W
logo
TAMURA Corporation.
SPM1502SJ TAMURA-SPM1502SJ Datasheet
360Kb / 7P
   DC DC CONVERTER 15V 4W
Rev.C Sep, 2015
logo
Mean Well Enterprises C...
GST90A MEANWELL-GST90A Datasheet
92Kb / 3P
   90W AC-DC High Reliability Industrial Adaptor
GSM90A MEANWELL-GSM90A Datasheet
789Kb / 5P
   90W AC-DC Reliable Green Medical Adaptor
logo
List of Unclassifed Man...
BD5-G3-AH ETC2-BD5-G3-AH Datasheet
260Kb / 4P
   Brushless DC Drive for 42mm 90W motor
logo
Advanced Analog Technol...
AAT7301 AAT-AAT7301 Datasheet
554Kb / 11P
   2A 15V STEP-DOWN DC-DC CONVERTER
logo
List of Unclassifed Man...
BL090-H03-GP014 ETC2-BL090-H03-GP014 Datasheet
168Kb / 4P
   42mm Brushless DC Gearmotor, 90W, 14:1 ratio
logo
Mean Well Enterprises C...
IRM-90 MEANWELL-IRM-90 Datasheet
2Mb / 4P
   90W AC-DC PCB-Mount Green Power Module
logo
Volgen Kaga Electronics...
STD-1207 VOLGEN-STD-1207 Datasheet
113Kb / 2P
   ADAPTER - 90W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com