Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIRD20.241 Datasheet(PDF) 6 Page - PULS GmbH

Part # PIRD20.241
Description  DC 12-28V, 20A, DUAL INPUT REDUNDANCY MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PIRD20.241 Datasheet(HTML) 6 Page - PULS GmbH

Back Button PIRD20.241 Datasheet HTML 2Page - PULS GmbH PIRD20.241 Datasheet HTML 3Page - PULS GmbH PIRD20.241 Datasheet HTML 4Page - PULS GmbH PIRD20.241 Datasheet HTML 5Page - PULS GmbH PIRD20.241 Datasheet HTML 6Page - PULS GmbH PIRD20.241 Datasheet HTML 7Page - PULS GmbH PIRD20.241 Datasheet HTML 8Page - PULS GmbH PIRD20.241 Datasheet HTML 9Page - PULS GmbH PIRD20.241 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PIRD20.241
PIANO-Series
DC 12-28V, 20A, DUAL INPUT REDUNDANCY MODULE
6. TERMINALS AND WIRING
The terminals are IP20 finger safe constructed and suitable for field- and factory wiring.
Type
screw terminals
Solid wire
max. 6mm2
Stranded wire
max. 4mm2
American Wire Gauge
AWG20-10
Max. wire diameter
2.8mm (including ferrules)
Wire stripping length
7mm / 0.28inch
Screwdriver
3.5mm slotted or cross-head No 2
Recommended tightening torque
1Nm, 9lb.in
Instructions:
a)
Use appropriate copper cables that are designed for minimum operating temperatures of:
75°C for ambient up to 55°C minimum and
90°C for ambient up to 70°C minimum.
b)
Follow national installation codes and installation regulations!
c)
Ensure that all strands of a stranded wire enter the terminal connection!
d)
Unused terminal compartments should be securely tightened.
e)
Ferrules are allowed.
7. FUNCTIONAL DIAGRAM
Fig. 7-1 Functional diagram
+
-
+
-
+
-
Input 1
Input 2
Output
-
Surge
Protection
Surge
Protection
Surge
Protection
Sep. 2016 / Rev. 1.0 DS-PIRD20.241
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
6/15


Similar Part No. - PIRD20.241

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PIR-045 MEANWELL-PIR-045 Datasheet
674Kb / 3P
   Photoelectric Motion Sensor
logo
International Rectifier
PIR21844 IRF-PIR21844 Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
logo
Everlight Electronics C...
PIR333C EVERLIGHT-PIR333C Datasheet
191Kb / 7P
   5mm Infrared LED, T-1 3/4
PIR333C/H0/L276 EVERLIGHT-PIR333C/H0/L276 Datasheet
191Kb / 7P
   5mm Infrared LED, T-1 3/4
PIR3D-06C-L415 EVERLIGHT-PIR3D-06C-L415 Datasheet
185Kb / 11P
   3? Infrared Piranha
More results

Similar Description - PIRD20.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
YR20.242 PULS-YR20.242 Datasheet
508Kb / 17P
   12-28V, 20A, DUAL REDUNDANCY MODULE
YR20.246 PULS-YR20.246 Datasheet
561Kb / 19P
   24-28V, 20A, DUAL REDUNDANCY MODULE
logo
Mean Well Enterprises C...
ERDN20 MEANWELL-ERDN20 Datasheet
361Kb / 5P
   20A Enclosed Type Redundancy Module
DR-RDN20 MEANWELL-DR-RDN20_10 Datasheet
300Kb / 2P
   20A Power Supply Redundancy Module
DR-RDN20 MEANWELL-DR-RDN20 Datasheet
297Kb / 2P
   20A Power Supply Redundancy Module
DR-RDN20 MEANWELL-DR-RDN20_11 Datasheet
300Kb / 2P
   20A Power Supply Redundancy Module
logo
PULS GmbH
YRM2.DIODE PULS-YRM2.DIODE Datasheet
537Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.241 PULS-YR40.241 Datasheet
522Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.241 PULS-YR80.241 Datasheet
507Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.242 PULS-YR80.242 Datasheet
504Kb / 17P
   DUAL REDUNDANCY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com