Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3018 Datasheet(PDF) 30 Page - Integrated Device Technology

Part # ZSSC3018
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3018 Datasheet(HTML) 30 Page - Integrated Device Technology

Back Button ZSSC3018 Datasheet HTML 26Page - Integrated Device Technology ZSSC3018 Datasheet HTML 27Page - Integrated Device Technology ZSSC3018 Datasheet HTML 28Page - Integrated Device Technology ZSSC3018 Datasheet HTML 29Page - Integrated Device Technology ZSSC3018 Datasheet HTML 30Page - Integrated Device Technology ZSSC3018 Datasheet HTML 31Page - Integrated Device Technology ZSSC3018 Datasheet HTML 32Page - Integrated Device Technology ZSSC3018 Datasheet HTML 33Page - Integrated Device Technology ZSSC3018 Datasheet HTML 34Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
ZSSC3018 Datasheet
© 2017 Integrated Device Technology, Inc
30
January 10, 2017
Figure 3.12
I2C Read Data
S
SlaveAddr
1 A
Status
A
MemDat
<15:8>
A
MemDat
<7:0>
N P
S
SlaveAddr
1 A
Status
A
SensorDat
<15:8>
A
SensorDat
<7:0>
N P
A
TempDat
<15:8>
A
TempDat
<7:0>
Read Data (I2C Read)
(a) Example: after the completion of a Memory Read command
read
(b) Example: after the completion of a Measure command (AAHEX)
read
SensorDat
<23:16>
A
A
TempDat
<23:16>
All mandatory I²C-bus protocol features are implemented. Optional features like clock stretching, 10-bit slave address, etc., are not supported
by the ZSSC3018’s interface.
In I²C High Speed Mode, a command consists of a fixed length of three bytes.
3.6 Memory
In the ZSSC3018, the memory is organized in 16-bit wide registers and can be programmed multiple (at least 1000) times (MTP). There are
57 x 16-bit registers available for customer use. Each register can be re-programmed. Basically, there are two MTP content sectors:
Customer Use: Accessible by means of regular write operations (40HEX to 79HEX). It contains: the customer ID, interface setup data,
measurement setup information, calibration coefficients, etc.
IDT Use: Only accessible for write operations by IDT. The IDT sector contains specific trim information and is programmed during
manufacturing test by IDT.
3.6.1 Programming Memory
Programming memory is possible with any specified supply voltage level at VDD. The MTP programming voltage itself is generated by means
of an integrated charge pump, generating an internal memory programming voltage; no additional external voltage, other than VDD (as
specified), needed. A single 16-bit register write will be completed within 16ms after the respective programming command has been sent.
After the memory is programmed, it must be read again to verify the validity of the memory contents.


Similar Part No. - ZSSC3018

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3018 RENESAS-ZSSC3018 Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
ZSSC3018BA1B RENESAS-ZSSC3018BA1B Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
ZSSC3018BA2B RENESAS-ZSSC3018BA2B Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
ZSSC3018BA2C RENESAS-ZSSC3018BA2C Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
ZSSC3018BA2D RENESAS-ZSSC3018BA2D Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
More results

Similar Description - ZSSC3018

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3018 RENESAS-ZSSC3018 Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3218 IDT-ZSSC3218 Datasheet
916Kb / 55P
   High-End 18-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3218 RENESAS-ZSSC3218 Datasheet
1Mb / 56P
   High-End 18-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3027 IDT-ZSSC3027 Datasheet
764Kb / 46P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3026 ETC2-ZSSC3026 Datasheet
3Mb / 47P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3026 RENESAS-ZSSC3026 Datasheet
850Kb / 52P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3016 ETC2-ZSSC3016 Datasheet
3Mb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3036 RENESAS-ZSSC3036 Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3027 RENESAS-ZSSC3027 Datasheet
905Kb / 47P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com