Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3018 Datasheet(PDF) 29 Page - Integrated Device Technology

Part # ZSSC3018
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3018 Datasheet(HTML) 29 Page - Integrated Device Technology

Back Button ZSSC3018 Datasheet HTML 25Page - Integrated Device Technology ZSSC3018 Datasheet HTML 26Page - Integrated Device Technology ZSSC3018 Datasheet HTML 27Page - Integrated Device Technology ZSSC3018 Datasheet HTML 28Page - Integrated Device Technology ZSSC3018 Datasheet HTML 29Page - Integrated Device Technology ZSSC3018 Datasheet HTML 30Page - Integrated Device Technology ZSSC3018 Datasheet HTML 31Page - Integrated Device Technology ZSSC3018 Datasheet HTML 32Page - Integrated Device Technology ZSSC3018 Datasheet HTML 33Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
ZSSC3018 Datasheet
© 2017 Integrated Device Technology, Inc
29
January 10, 2017
3.5.3 I2C
I2C Mode will be selected if the very first interface activity (after IC power-up) is an I2C command. In I2C Mode, each command is started as
shown in Figure 3.10. Only the number of bytes that is needed for the command must be sent. An exception is the I2C High Speed Mode
(controlled by the Slave_Addr bit field in register 02HEX in Table 3.5) where 3 bytes must always be sent as in SPI Mode. After the execution
of a command (busy = 0), the expected data can be read as illustrated in Figure 3.12 or if no data are returned by the command, the next
command can be sent. The status can be read at any time as illustrated in Figure 3.11.
Figure 3.10
I2C Command Request
S
SlaveAddr
A
0
Command
A P
S
SlaveAddr
0 A
Command
A
CmdDat
<15:8>
A
CmdDat
<7:0>
A P
Command Request (I2C Write)
write
write
from master to slave
from slave to master
S
START condition
P
STOP condition
A
N
acknowledge
not acknowledge
Figure 3.11
I2C Read Status
S
SlaveAddr
1 A
Status
N P
Read Status (I2C Read)
read


Similar Part No. - ZSSC3018

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3018 RENESAS-ZSSC3018 Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
ZSSC3018BA1B RENESAS-ZSSC3018BA1B Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
ZSSC3018BA2B RENESAS-ZSSC3018BA2B Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
ZSSC3018BA2C RENESAS-ZSSC3018BA2C Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
ZSSC3018BA2D RENESAS-ZSSC3018BA2D Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
More results

Similar Description - ZSSC3018

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3018 RENESAS-ZSSC3018 Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3218 IDT-ZSSC3218 Datasheet
916Kb / 55P
   High-End 18-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3218 RENESAS-ZSSC3218 Datasheet
1Mb / 56P
   High-End 18-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3027 IDT-ZSSC3027 Datasheet
764Kb / 46P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3026 ETC2-ZSSC3026 Datasheet
3Mb / 47P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3026 RENESAS-ZSSC3026 Datasheet
850Kb / 52P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3016 ETC2-ZSSC3016 Datasheet
3Mb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3036 RENESAS-ZSSC3036 Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3027 RENESAS-ZSSC3027 Datasheet
905Kb / 47P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com