Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSSC3018 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ZSSC3018
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3018 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ZSSC3018 Datasheet HTML 17Page - Integrated Device Technology ZSSC3018 Datasheet HTML 18Page - Integrated Device Technology ZSSC3018 Datasheet HTML 19Page - Integrated Device Technology ZSSC3018 Datasheet HTML 20Page - Integrated Device Technology ZSSC3018 Datasheet HTML 21Page - Integrated Device Technology ZSSC3018 Datasheet HTML 22Page - Integrated Device Technology ZSSC3018 Datasheet HTML 23Page - Integrated Device Technology ZSSC3018 Datasheet HTML 24Page - Integrated Device Technology ZSSC3018 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
ZSSC3018 Datasheet
© 2017 Integrated Device Technology, Inc
21
January 10, 2017
Figure 3.3 Operational Flow Chart: Power Up
Receive: Command
HV Operation
LV Operation
IC Power On
Power Down (switch off LV
and wait for command)
Save: IC ID / Data / Status
Color Legend:
Received CMD ID
== IC-ID
yes
no
IO_mode:=SPI
Execute: Data Fetch
Read_bit == 1
(Data Fetch)
yes
no
CommandMode
==active || Test==1
yes
no
Power up LV
Save: Setup / Data / Status
Power up LV
Power Down (switch off LV
and wait for command)
RST(SS)==1
yes
no
Execute: Data Fetch
NOP
yes
CommandMode
==active || Test==1
yes
no
no
Receive: Command
I2C Address /
CMD Valid?
IO_mode = I2C
yes
SS Pin Active?
Command:= load I/O setup
no
no
yes
I2C slave address is loaded, and
SS_polarity determines if SS pin is
active high or low
LV Operation
LV Operation


Similar Part No. - ZSSC3018

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3018 RENESAS-ZSSC3018 Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
ZSSC3018BA1B RENESAS-ZSSC3018BA1B Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
ZSSC3018BA2B RENESAS-ZSSC3018BA2B Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
ZSSC3018BA2C RENESAS-ZSSC3018BA2C Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
ZSSC3018BA2D RENESAS-ZSSC3018BA2D Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
More results

Similar Description - ZSSC3018

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSSC3018 RENESAS-ZSSC3018 Datasheet
1Mb / 51P
   Versatile, High Resolution 18-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3218 IDT-ZSSC3218 Datasheet
916Kb / 55P
   High-End 18-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3218 RENESAS-ZSSC3218 Datasheet
1Mb / 56P
   High-End 18-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3036 ETC2-ZSSC3036 Datasheet
1Mb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3027 IDT-ZSSC3027 Datasheet
764Kb / 46P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3026 ETC2-ZSSC3026 Datasheet
3Mb / 47P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3026 RENESAS-ZSSC3026 Datasheet
850Kb / 52P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSSC3016 ETC2-ZSSC3016 Datasheet
3Mb / 45P
   Low Power, High Resolution 16-Bit Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC3036 RENESAS-ZSSC3036 Datasheet
908Kb / 49P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
ZSSC3027 RENESAS-ZSSC3027 Datasheet
905Kb / 47P
   Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com