Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC0305W-SOP8 Datasheet(PDF) 1 Page - MORE Semiconductor Company Limited

Part No. MSC0305W-SOP8
Description  -30V(D-S) Dual P-Channel Enhancement Mode Power MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSC0305W-SOP8 Datasheet(HTML) 1 Page - MORE Semiconductor Company Limited

  MSC0305W-SOP8 Datasheet HTML 1Page - MORE Semiconductor Company Limited MSC0305W-SOP8 Datasheet HTML 2Page - MORE Semiconductor Company Limited MSC0305W-SOP8 Datasheet HTML 3Page - MORE Semiconductor Company Limited MSC0305W-SOP8 Datasheet HTML 4Page - MORE Semiconductor Company Limited MSC0305W-SOP8 Datasheet HTML 5Page - MORE Semiconductor Company Limited MSC0305W-SOP8 Datasheet HTML 6Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
-30V(D-S) Dual P-Channel Enhancement Mode Power MOS FET
General Features
● VDS = -30V,ID = -5.1A
RDS(ON) < 105mΩ @ VGS=-4.5V
RDS(ON) < 55mΩ @ VGS=-10V
● High Power and current handing capability
● Lead free product is acquired
● Surface Mount Package
Application
● PWM applications
● Load switch
● Power management
G1
D1
D2
G2
S1
S2
Schematic diagram
Marking and pin assignment
SOP-8 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
MSC0305W
SOP-8
Ø330mm
12mm
2500 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
-5.1
A
Drain
Current-Pulsed (Note 1)
IDM
-20
A
Maximum Power Dissipation
PD
2.5
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
50
/W
PIN Configuration
Lead Free
MORE Semiconductor Company Limited
http://www.moresemi.com
1/6
MSC0305W


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn