Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC0305W-SOP8 Datasheet(PDF) 6 Page - MORE Semiconductor Company Limited

Part No. MSC0305W-SOP8
Description  -30V(D-S) Dual P-Channel Enhancement Mode Power MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MORESEMI [MORE Semiconductor Company Limited]
Homepage  http://www.moresemi.com/
Logo 

MSC0305W-SOP8 Datasheet(HTML) 6 Page - MORE Semiconductor Company Limited

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SOP-8 Package Information
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Max.
Min.
Max.
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.006
0.010
D
4.700
5.100
0.185
0.200
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
e
1.270(BSC)
0.050(BSC)
L
0.400
1.270
0.016
0.050
θ
0
°
8
°
0
°
8
°
MORE Semiconductor Company Limited
http://www.moresemi.com
6/6
MSC0305W


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn