Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC0305W-SOP8 Datasheet(PDF) 3 Page - MORE Semiconductor Company Limited

Part No. MSC0305W-SOP8
Description  -30V(D-S) Dual P-Channel Enhancement Mode Power MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MORESEMI [MORE Semiconductor Company Limited]
Homepage  http://www.moresemi.com/
Logo 

MSC0305W-SOP8 Datasheet(HTML) 3 Page - MORE Semiconductor Company Limited

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Typical Electrical and Thermal Characteristics
Figure 1:Switching Test Circuit
TJ-Junction Temperature(℃)
Figure 3 Power Dissipation
Vds Drain-Source Voltage (V)
Figure 5 Output Characteristics
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
Figure 2:Switching Waveforms
TJ-Junction Temperature(℃)
Figure 4 Drain Current
ID- Drain Current (A)
Figure 6 Drain-Source On-Resistance
MORE Semiconductor Company Limited
http://www.moresemi.com
3/6
MSC0305W


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn